Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCF85363ATL/AX Datasheet(PDF) 15 Page - NXP Semiconductors

Part # PCF85363ATL/AX
Description  Tiny Real-Time Clock/calendar with 64 byte RAM, alarm function, battery switch-over time stamp input, and I2C-bus
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF85363ATL/AX Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button PCF85363ATL/AX Datasheet HTML 11Page - NXP Semiconductors PCF85363ATL/AX Datasheet HTML 12Page - NXP Semiconductors PCF85363ATL/AX Datasheet HTML 13Page - NXP Semiconductors PCF85363ATL/AX Datasheet HTML 14Page - NXP Semiconductors PCF85363ATL/AX Datasheet HTML 15Page - NXP Semiconductors PCF85363ATL/AX Datasheet HTML 16Page - NXP Semiconductors PCF85363ATL/AX Datasheet HTML 17Page - NXP Semiconductors PCF85363ATL/AX Datasheet HTML 18Page - NXP Semiconductors PCF85363ATL/AX Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 86 page
background image
NXP Semiconductors
PCF85363A
Tiny Real-Time Clock/calendar with 64 byte RAM, alarm function, battery switch-over time stamp input,
and I2C-bus
As an example, if the seconds value is set in one access and then in a following
access the minutes value is set, it is possible that the time increments between the two
accesses. A similar problem exists when reading. A roll-over may occur between reads
thus giving the seconds from one moment and the minutes from the next.
aaa-009581
SECONDS
100 Hz tick
MINUTES
HR_XX_XX_00
HR_XX_00_XX
HR_00_XX_XX
100TH_SECONDS
100TH
1 Hz tick
Figure 10. Data flow for the stop-watch function
7.4 Alarms
There are two independent alarms. Each is separately configured and may be used
to generate an interrupt. In RTC mode, an alarm is configured for time and date. In
stop-watch mode when the RTC is functioning as an elapsed time counter, an alarm is
configured for time only.
7.4.1 Alarms in RTC mode
In RTC mode, Alarm 1 can be configured from seconds to months. Alarm 2 operates
on minutes, hours and weekday. Each segment of the time is independently enabled.
Alarms can be output on the INTA and INTB pins.
7.4.1.1 Alarm1 and alarm2 registers in RTC mode
Setting the time for alarm1: Only the information which is relevant for the alarm condition
must to be programmed. The unused parts are ignored.
Bit positions labeled as - are not implemented.
Upper-digit (ten’s place)
Digit (unit place)
Address Register name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
RTC alarm1 registers
08h
Second_alarm1
-
0 to 5
0 to 9
Table 12. Alarm1 and alarm2 registers in RTC mode coded in BCD (RTCM = 0)
PCF85363A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 3.1 — 18 June 2021
15 / 86



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com