Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCF85363ATL/AX Datasheet(PDF) 55 Page - NXP Semiconductors

Part # PCF85363ATL/AX
Description  Tiny Real-Time Clock/calendar with 64 byte RAM, alarm function, battery switch-over time stamp input, and I2C-bus
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF85363ATL/AX Datasheet(HTML) 55 Page - NXP Semiconductors

Back Button PCF85363ATL/AX Datasheet HTML 51Page - NXP Semiconductors PCF85363ATL/AX Datasheet HTML 52Page - NXP Semiconductors PCF85363ATL/AX Datasheet HTML 53Page - NXP Semiconductors PCF85363ATL/AX Datasheet HTML 54Page - NXP Semiconductors PCF85363ATL/AX Datasheet HTML 55Page - NXP Semiconductors PCF85363ATL/AX Datasheet HTML 56Page - NXP Semiconductors PCF85363ATL/AX Datasheet HTML 57Page - NXP Semiconductors PCF85363ATL/AX Datasheet HTML 58Page - NXP Semiconductors PCF85363ATL/AX Datasheet HTML 59Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 86 page
background image
NXP Semiconductors
PCF85363A
Tiny Real-Time Clock/calendar with 64 byte RAM, alarm function, battery switch-over time stamp input,
and I2C-bus
7.15.2 CPR: clear prescaler
To set the time for RTC mode accurately or to clear the time in stop-watch mode, the
clear prescaler instruction is needed.
Before sending this instruction, it is recommended to first set stop either by the STOP bit
or by the TS pin (see STOPM bit).
See STOP definition for an explanation on using this instruction.
7.15.3 CTS: clear timestamp
The timestamp registers (address 11h to 22h) can be set to all 0 with this instruction.
7.16 Stop_enable register
Bit
Symbol
Value
Description
-
0000 000
not used
STOP bit
0[1]
RTC clock runs
7 to 1
0
STOP
1
RTC clock is stopped
Table 62. Stop_enable - control of STOP bit (address 2Eh)
[1]
Default value.
The STOP bit stops the time from counting in both RTC mode and stop-watch mode. For
RTC mode STOP is useful to set the time accurately. For stop-watch mode it is the start/
stop control for the watch.
The counter can also be controlled from the TS pin by configuring STOPM in the
Function register (Section 7.13). The internal stop signal is a combination of STOP and
the TS pin state.
STOP bit
TS pin[1][2]
stop signal
Counter
1
-
1
stopped
-
1
1
stopped
0
0
0
running
Table 63. Counter stop signal
[1]
Requires STOPM and TSPM[1:0] to be configured.
[2]
TSL = 0 (active HIGH) (Pin_IO register, address 27h).
PCF85363A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 3.1 — 18 June 2021
55 / 86



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com