Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCF85363ATL/AX Datasheet(PDF) 35 Page - NXP Semiconductors

Part # PCF85363ATL/AX
Description  Tiny Real-Time Clock/calendar with 64 byte RAM, alarm function, battery switch-over time stamp input, and I2C-bus
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF85363ATL/AX Datasheet(HTML) 35 Page - NXP Semiconductors

Back Button PCF85363ATL/AX Datasheet HTML 31Page - NXP Semiconductors PCF85363ATL/AX Datasheet HTML 32Page - NXP Semiconductors PCF85363ATL/AX Datasheet HTML 33Page - NXP Semiconductors PCF85363ATL/AX Datasheet HTML 34Page - NXP Semiconductors PCF85363ATL/AX Datasheet HTML 35Page - NXP Semiconductors PCF85363ATL/AX Datasheet HTML 36Page - NXP Semiconductors PCF85363ATL/AX Datasheet HTML 37Page - NXP Semiconductors PCF85363ATL/AX Datasheet HTML 38Page - NXP Semiconductors PCF85363ATL/AX Datasheet HTML 39Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 86 page
background image
NXP Semiconductors
PCF85363A
Tiny Real-Time Clock/calendar with 64 byte RAM, alarm function, battery switch-over time stamp input,
and I2C-bus
trigger event
aaa-009638
interrupt
flag
128 Hz clock
Minimum
interrupt
period
Maximum
interrupt
period
Flag does not need to be cleared
for interrupts to be generated
Figure 20. Interrupt pulse width
In level mode, the interrupt signal follows the state of the flag. Only interrupts which are
enabled will affect the pin state. All enabled flags must be cleared for the interrupt signal
to be cleared.
The EMON is used only for monitoring
all flags and can be read back in the minutes
register. See Section 7.2.3.
7.9.2 Interrupt enable bits
The remainder of the bits in register INTA_enable (address 29h) and register
INTB_enable (address 2Ah) are used to select which interrupt data goes where. See
Figure 21
PCF85363A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 3.1 — 18 June 2021
35 / 86



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com