Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32G474XC Datasheet(PDF) 196 Page - STMicroelectronics

Part # STM32G474XC
Description  Arm® Cortex®-M4 32-bit MCUFPU, 170 MHz / 213 DMIPS, 128 KB SRAM, rich analog, math acc, 184 ps 12 chan Hi-res timer
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G474XC Datasheet(HTML) 196 Page - STMicroelectronics

Back Button STM32G474XC Datasheet HTML 192Page - STMicroelectronics STM32G474XC Datasheet HTML 193Page - STMicroelectronics STM32G474XC Datasheet HTML 194Page - STMicroelectronics STM32G474XC Datasheet HTML 195Page - STMicroelectronics STM32G474XC Datasheet HTML 196Page - STMicroelectronics STM32G474XC Datasheet HTML 197Page - STMicroelectronics STM32G474XC Datasheet HTML 198Page - STMicroelectronics STM32G474XC Datasheet HTML 199Page - STMicroelectronics STM32G474XC Datasheet HTML 200Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 196 / 236 page
background image
Electrical characteristics
STM32G474xB STM32G474xC STM32G474xE
196/236
DS12288 Rev 4
NAND controller waveforms and timings
Figure 48 through Figure 51 represent synchronous waveforms, and Table 106 and
Table 107 provide the corresponding timings. The results shown in these tables are
obtained with the following FMC configuration:
•
COM.FMC_SetupTime = 0x01
•
COM.FMC_WaitSetupTime = 0x03
•
COM.FMC_HoldSetupTime = 0x02
•
COM.FMC_HiZSetupTime = 0x01
•
ATT.FMC_SetupTime = 0x01
•
ATT.FMC_WaitSetupTime = 0x03
•
ATT.FMC_HoldSetupTime = 0x02
•
ATT.FMC_HiZSetupTime = 0x01
•
Bank = FMC_Bank_NAND
•
MemoryDataWidth = FMC_MemoryDataWidth_16b
•
ECC = FMC_ECC_Enable
•
ECCPageSize = FMC_ECCPageSize_512Bytes
•
TCLRSetupTime = 0
•
TARSetupTime = 0
In all timing tables, the THCLK is the HCLK clock period.
Table 105. Synchronous non-multiplexed PSRAM write timings(1)(2)(3)
1. CL = 30 pF.
2. Guaranteed by characterization results.
3. Clock ratio R = (HCLK period /FMC_CLK period).
Symbol
Parameter
Min
Max
Unit
tw(CLK)
FMC_CLK period
R*THCLK - 0.5
-
ns
td(CLKL-NExL)
FMC_CLK low to FMC_NEx low (x=0..2)
-
1.5
td(CLKH-NExH)
FMC_CLK high to FMC_NEx high (x= 0…2)
R*THCLK/2 + 1
-
td(CLKL-NADVL) FMC_CLK low to FMC_NADV low
-
2.5
td(CLKL-NADVH) FMC_CLK low to FMC_NADV high
3.5
-
td(CLKL-AV)
FMC_CLK low to FMC_Ax valid (x=16…25)
-
4
td(CLKH-AIV)
FMC_CLK high to FMC_Ax invalid (x=16…25)
R*THCLK/2 + 1
-
td(CLKL-NWEL)
FMC_CLK low to FMC_NWE low
-
2
td(CLKH-NWEH)
FMC_CLK high to FMC_NWE high
R*THCLK/2 + 1
-
td(CLKL-Data)
FMC_D[15:0] valid data after FMC_CLK low
-
3
td(CLKL-NBLL)
FMC_CLK low to FMC_NBL low
1
-
td(CLKH-NBLH)
FMC_CLK high to FMC_NBL high
R*THCLK/2 + 1.5
-
tsu(NWAIT-CLKH) FMC_NWAIT valid before FMC_CLK high
1.5
-
th(CLKH-NWAIT) FMC_NWAIT valid after FMC_CLK high
4
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com