Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32G474XC Datasheet(PDF) 200 Page - STMicroelectronics

Part # STM32G474XC
Description  Arm® Cortex®-M4 32-bit MCUFPU, 170 MHz / 213 DMIPS, 128 KB SRAM, rich analog, math acc, 184 ps 12 chan Hi-res timer
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G474XC Datasheet(HTML) 200 Page - STMicroelectronics

Back Button STM32G474XC Datasheet HTML 196Page - STMicroelectronics STM32G474XC Datasheet HTML 197Page - STMicroelectronics STM32G474XC Datasheet HTML 198Page - STMicroelectronics STM32G474XC Datasheet HTML 199Page - STMicroelectronics STM32G474XC Datasheet HTML 200Page - STMicroelectronics STM32G474XC Datasheet HTML 201Page - STMicroelectronics STM32G474XC Datasheet HTML 202Page - STMicroelectronics STM32G474XC Datasheet HTML 203Page - STMicroelectronics STM32G474XC Datasheet HTML 204Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 200 / 236 page
background image
Electrical characteristics
STM32G474xB STM32G474xC STM32G474xE
200/236
DS12288 Rev 4
Figure 52. Quad SPI timing diagram - SDR mode
tw(CKH) Quad SPI clock high
and low time
Even division
PRESCALER [7:0]
n =0,1, 3, 5 ...
t(CK)/2
-
t(CK)/2+1
ns
tw(CKL)
t(CK)/2-1
-
t(CK)/2
tw(CKH) Quad SPI clock high and
low time
Odd division
PRESCALER [7:0]
n =2,4, 6, 8...
(n/2)*t(CK)/(n+1)
-
(n/2)*t(CK)/(n+1) + 1
tw(CKL)
(n/2+1)*t(CK)/(n+1) - 1
-
(n/2+1)*t(CK)/(n+1)
tsr(IN)
Data input setup time on
rising edge
1.71 < VDD< 3.6 V
1
-
-
tsf(IN)
Data input setup time on
falling edge
1.71 < VDD< 3.6 V
1
-
-
thr(IN)
Data input hold time on
rising edge
1.71 < VDD< 3.6 V
6
-
-
thf(IN)
Data input hold time on
falling edge
1.71 < VDD< 3.6 V
5
-
-
tvr(OUT)
Data output valid time on
rising edge
1.71 < VDD< 3.6 V
DHHC = 0
-
7.5
8
1.71 < VDD< 3.6 V
DHHC = 1
Thclk/2
+1
Thclk/2+1.5
tvf(OUT) Data output valid time
1.71 < VDD< 3.6 V
DHHC = 0
-
710
1.71 < VDD< 3.6 V
DHHC = 1
Thclk/2
+1
Thclk/2+2
thr(OUT)
Data output hold time on
rising edge
1.71 < VDD< 3.6 V
DHHC = 0
2-
-
1.71 < VDD< 3.6 V
DHHC = 1
Thclk/2+ 0.5
-
-
thf(OUT)
Data output hold time on
falling edge
1.71 < VDD< 3.6 V
DHHC = 0
3-
-
1.71 < VDD< 3.6 V
DHHC = 1
Thclk/2+0.5
-
-
1. Guaranteed by characterization results.
Table 109. QUADSPI characteristics in DDR mode(1) (continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
MSv36878V1
Data output
D0
D1
D2
Clock
Data input
D0
D1
D2
t(CK)
tw(CKH)
tw(CKL)
tr(CK)
tf(CK)
ts(IN)
th(IN)
tv(OUT)
th(OUT)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com