Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32G474XC Datasheet(PDF) 203 Page - STMicroelectronics

Part # STM32G474XC
Description  Arm® Cortex®-M4 32-bit MCUFPU, 170 MHz / 213 DMIPS, 128 KB SRAM, rich analog, math acc, 184 ps 12 chan Hi-res timer
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G474XC Datasheet(HTML) 203 Page - STMicroelectronics

Back Button STM32G474XC Datasheet HTML 199Page - STMicroelectronics STM32G474XC Datasheet HTML 200Page - STMicroelectronics STM32G474XC Datasheet HTML 201Page - STMicroelectronics STM32G474XC Datasheet HTML 202Page - STMicroelectronics STM32G474XC Datasheet HTML 203Page - STMicroelectronics STM32G474XC Datasheet HTML 204Page - STMicroelectronics STM32G474XC Datasheet HTML 205Page - STMicroelectronics STM32G474XC Datasheet HTML 206Page - STMicroelectronics STM32G474XC Datasheet HTML 207Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 203 / 236 page
background image
DS12288 Rev 4
203/236
STM32G474xB STM32G474xC STM32G474xE
Package information
233
Figure 55. WLCSP81 - recommended footprint
Table 111. WLCSP81 - mechanical data
Symbol
millimeters
inches(1)
1. Values in inches are converted from mm and rounded to 3 decimal digits.
Min
Typ
Max
Min
Typ
Max
A(2)
2. The maximum total package height is calculated by the RSS method (Root Sum Square) using nominal
and tolerances values of A1 and A2.
-
-
0.59
-
-
0.023
A1
-
0.18
-
-
0.007
-
A2
-
0.38
-
-
0.015
-
A3
-
0.025
-
-
0.001
-
b
0.22
0.25
0.28
0.009
0.010
0.011
D
4.00
4.02
4.04
0.157
0.158
0.159
E
4.25
4.27
4.29
0.167
0.168
0.169
e
-
0.40
-
-
0.016
-
e1
-
3.20
-
-
0.126
-
e2
-
3.20
-
-
0.126
-
F(3)
3. Calculated dimensions are rounded to the 3rd decimal place
-
0.410
-
-
0.016
-
G(3)
-
0.535
-
-
0.021
-
aaa
-
-
0.10
-
-
0.004
bbb
-
-
0.10
-
-
0.004
ccc
-
-
0.10
-
-
0.004
ddd
-
-
0.05
-
-
0.002
eee
-
-
0.05
-
-
0.002
B068_WLCSP81_DIE469_FP_V1
Dpad
Dsm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com