Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EPL09060 Datasheet(PDF) 13 Page - ELAN Microelectronics Corp

Part # EPL09060
Description  9 COM/ 60 SEG v
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EPL09060 Datasheet(HTML) 13 Page - ELAN Microelectronics Corp

Back Button EPL09060 Datasheet HTML 9Page - ELAN Microelectronics Corp EPL09060 Datasheet HTML 10Page - ELAN Microelectronics Corp EPL09060 Datasheet HTML 11Page - ELAN Microelectronics Corp EPL09060 Datasheet HTML 12Page - ELAN Microelectronics Corp EPL09060 Datasheet HTML 13Page - ELAN Microelectronics Corp EPL09060 Datasheet HTML 14Page - ELAN Microelectronics Corp EPL09060 Datasheet HTML 15Page - ELAN Microelectronics Corp EPL09060 Datasheet HTML 16Page - ELAN Microelectronics Corp EPL09060 Datasheet HTML 17Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 54 page
background image
EPL09060
9 COM/60 SEG LCD Driver
Product Specification (V1.0) 12.28.2005
13
7.1.2 Selecting the Interface Type
The EPL09060 can be operated with serial interface (SPI) and parallel interface (80-
series or 68-series) as selected by P/S pin.
Serial Interface (SPI)
When serial mode (PS = "L"), D6 (SCK) is used as serial clock input pin, D7 (SDI) is
used as serial data input pin, D5 (SDO) is used as serial data output pin. When the
LSI is active (/CS1=”L”, CS2=”H”), serial data input (D7), serial clock input (D6) inputs
and serial data output (D5) are enabled. The 8-bit shift register and 3-bit counter are
reset to the initial condition when the chip is not selected. The data input/output from
SDI/SDO terminal is MSB first as in the order of D7, D6…D0, and is latched at the
rising edge of the serial clock SCK. Serial input data is display data when A0="H"
and instruction when A0="L". The A0 input is read in and identified at the rising edge
of the (8 x n) serial clock pulse. Since the clock signal (D6) is easy to be affected by
the external noise caused by the line length, the operation check on the actual
machine is recommended.
Figure 4 Serial Interface Signal Chart
A0
/WR (R/W)
D7 (SDI)
D5 (SDO)
0
0
Instruction Write
Status Read
0
1
Invalid
Status Read
1
0
Display Data Write
Status Read
1
1
Invalid
Display Data Read
D7
D6
D5
D4
D3
D2
D1
D0
D7
D7
D6
D5
D4
D3
D2
D1
D0
D7
SDI
(D7)
SDO
(D5)
SCK
(D6)
/CS1
CS2
A0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com