Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADP1764ACPZ-0.9-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADP1764ACPZ-0.9-R7
Description  4 A, Low VIN, Low Noise, CMOS Linear Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1764ACPZ-0.9-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADP1764ACPZ-0.9-R7 Datasheet HTML 1Page - Analog Devices ADP1764ACPZ-0.9-R7 Datasheet HTML 2Page - Analog Devices ADP1764ACPZ-0.9-R7 Datasheet HTML 3Page - Analog Devices ADP1764ACPZ-0.9-R7 Datasheet HTML 4Page - Analog Devices ADP1764ACPZ-0.9-R7 Datasheet HTML 5Page - Analog Devices ADP1764ACPZ-0.9-R7 Datasheet HTML 6Page - Analog Devices ADP1764ACPZ-0.9-R7 Datasheet HTML 7Page - Analog Devices ADP1764ACPZ-0.9-R7 Datasheet HTML 8Page - Analog Devices ADP1764ACPZ-0.9-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
4 A, Low VIN, Low Noise,
CMOS Linear Regulator
Data Sheet
ADP1764
Rev. A
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2017 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
4 A maximum output current
Low input voltage supply range
VIN = 1.10 V to 1.98 V, no external bias supply required
Fixed output voltage range (VOUT_FIXED): 0.55 V to 1.5 V
Adjustable output voltage range (VOUT_ADJ): 0.5 V to 1.5 V
Ultralow noise: 2 μV rms, 100 Hz to 100 kHz
Noise spectral density: 5 nV/√Hz at 10 kHz; 4 nV/√Hz at 100 kHz
Low dropout voltage: 47 mV typical at 4 A load
Operating supply current: 5 mA typical at no load
±1.5% fixed output voltage accuracy over line, load, and
temperature
Excellent power supply rejection ratio (PSRR) performance
69 dB typical at 10 kHz at 4 A load
46 dB typical at 100 kHz at 4 A load
Excellent load/line transient response
Soft start to reduce inrush current
Optimized for small 22 μF ceramic capacitors
Current-limit and thermal overload protection
Power-good indicator
Precision enable
16-lead, 3 mm × 3 mm LFCSP package
APPLICATIONS
Regulation to noise sensitive applications such as radio
frequency (RF) transceivers, analog-to-digital converter
(ADC) and digital-to-analog converter (DAC) circuits,
phase-locked loops (PLLs), voltage controlled oscillators
(VCOs) and clocking integrated circuits
Field-programmable gate array (FPGA) and digital signal
processor (DSP) supplies
Medical and healthcare
Industrial and instrumentation
GENERAL DESCRIPTION
The ADP1764 is a low noise, low dropout (LDO) linear
regulator. It is designed to operate from a single input supply
with an input voltage as low as 1.10 V without the requirement
of an external bias supply to increase efficiency and provide up
to 4 A of output current (IOUT).
The low 47 mV typical dropout voltage at a 4 A load allows the
ADP1764 to operate with a small headroom while maintaining
regulation and providing better efficiency.
The ADP1764 is optimized for stable operation with small 22 μF
ceramic output capacitors. The ADP1764 delivers optimal transient
performance with minimal printed circuit board (PCB) area.
TYPICAL APPLICATION CIRCUITS
VIN
EN
SS
VREG
VOUT
SENSE
COUT
22µF
PG
RPULL-UP
100kΩ
PG
VADJ
GND
REFCAP
CIN
22µF
ON
OFF
VOUT = 1.5V
ADP1764
VIN = 1.8V
CREG
1µF
CREF
1µF
CSS
10nF
Figure 1. Fixed Output Operation
VIN
EN
SS
VREG
VOUT
SENSE
COUT
22µF
PG
RPULL-UP
100kΩ
PG
VADJ
GND
REFCAP
CIN
22µF
ON
OFF
VOUT = 1.5V
ADP1764
VIN = 1.8V
CREG
1µF
CREF
1µF
CSS
10nF
RADJ
10kΩ
Figure 2. Adjustable Output Operation
The ADP1764 is available in fixed output voltages ranging from
0.55 V to 1.5 V. The output voltage (VOUT) of the adjustable
output model can be set from 0.5 V to 1.5 V through an
external resistor connected between VADJ and ground.
The ADP1764 has an externally programmable soft start time by
connecting a capacitor to the SS pin. Short-circuit and thermal
overload protection circuits prevent damage in adverse conditions.
The ADP1764 is available in a small, 16-lead LFCSP package for
the smallest footprint solution to meet a variety of applications.
Table 1. Related Devices
Model
Input
Voltage
Maximum
Current
Fixed/
Adjustable
Package
ADP1761
1.10 V to 1.98 V
1 A
Fixed/
adjustable
16-lead
LFCSP
ADP1762
1.10 V to 1.98 V
2 A
Fixed/
adjustable
16-lead
LFCSP
ADP1763
1.10 V to 1.98 V
3 A
Fixed/
adjustable
16-lead
LFCSP
ADP1740/
ADP1741
1.6 V to 3.6 V
2 A
Fixed/
adjustable
16-lead
LFCSP
ADP1752/
ADP1753
1.6 V to 3.6 V
0.8 A
Fixed/
adjustable
16-lead
LFCSP
ADP1754/
ADP1755
1.6 V to 3.6 V
1.2 A
Fixed/
adjustable
16-lead
LFCSP


Similar Part No. - ADP1764ACPZ-0.9-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP1761 AD-ADP1761 Datasheet
883Kb / 19P
CMOS Linear Regulator
REV. 0
ADP1761 AD-ADP1761 Datasheet
1,007Kb / 19P
CMOS Linear Regulator
REV. 0
ADP1761 AD-ADP1761 Datasheet
935Kb / 19P
CMOS Linear Regulator
REV. 0
ADP1761 AD-ADP1761 Datasheet
782Kb / 20P
5 A, Low VIN, Low Noise, CMOS Linear Regulator
Rev. A
ADP1761 AD-ADP1761 Datasheet
3Mb / 45P
Dual 500mA, Positive/Negative, Ultra-Low Noise, Ultra-High PSRR Low Dropout Linear Regulator
Rev. 0
More results

Similar Description - ADP1764ACPZ-0.9-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP130 AD-ADP130 Datasheet
491Kb / 20P
350 mA, Low VIN, Low Quiescent Current, CMOS Linear Regulator
REV. 0
logo
Linear Technology
LT3060 LINER-LT3060 Datasheet
283Kb / 20P
45V VIN, Micropower, Low Noise, 100mA Low Dropout, Linear Regulator
LT3060 LINER-LT3060_11 Datasheet
382Kb / 26P
45V VIN, Micropower, Low Noise, 100mA Low Dropout, Linear Regulator
logo
Analog Devices
ADP1752 AD-ADP1752 Datasheet
703Kb / 20P
0.8 A, Low VIN, Low Dropout Linear Regulator
Rev. E
ADP1740 AD-ADP1740_13 Datasheet
743Kb / 20P
2 A, Low VIN, Low Dropout Linear Regulator
Rev. E
ADP1754 AD-ADP1754 Datasheet
738Kb / 20P
1.2 A, Low VIN, Low Dropout Linear Regulator
Rev. E
ADP1755ACPZ AD-ADP1755ACPZ Datasheet
709Kb / 20P
1.2 A, Low VIN, Low Dropout Linear Regulator
Rev. F
ADP1706ARDZ-0.75R7 AD-ADP1706ARDZ-0.75R7 Datasheet
563Kb / 20P
1 A, Low Dropout, CMOS Linear Regulator
REV. 0
logo
Linear Technology
LT3060 LINER-LT3060_15 Datasheet
441Kb / 26P
45V VIN, Micropower, Low Noise, 100mA Low Dropout, Linear Regulator
logo
Analog Devices
ADP1765 AD-ADP1765 Datasheet
782Kb / 20P
5 A, Low VIN, Low Noise, CMOS Linear Regulator
Rev. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com