Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADP1764ACPZ-0.9-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADP1764ACPZ-0.9-R7
Description  4 A, Low VIN, Low Noise, CMOS Linear Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1764ACPZ-0.9-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADP1764ACPZ-0.9-R7 Datasheet HTML 6Page - Analog Devices ADP1764ACPZ-0.9-R7 Datasheet HTML 7Page - Analog Devices ADP1764ACPZ-0.9-R7 Datasheet HTML 8Page - Analog Devices ADP1764ACPZ-0.9-R7 Datasheet HTML 9Page - Analog Devices ADP1764ACPZ-0.9-R7 Datasheet HTML 10Page - Analog Devices ADP1764ACPZ-0.9-R7 Datasheet HTML 11Page - Analog Devices ADP1764ACPZ-0.9-R7 Datasheet HTML 12Page - Analog Devices ADP1764ACPZ-0.9-R7 Datasheet HTML 13Page - Analog Devices ADP1764ACPZ-0.9-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
ADP1764
Data Sheet
Rev. A | Page 10 of 20
CH1 50mV
CH3 2A
4.00µs
5GS/s
1M points
CH3
2.48A
T
11.24000µs
3
1
T
IOUT
VOUT
SLEW RATE = 4A/µs
B
W
B
W
Figure 22. Load Transient Response, COUT = 22 μF, VIN = 1.4 V, VOUT = 0.9 V
CH1 50mV
CH3 2A
4.00µs
5GS/s
1M points
CH3
2.48A
T
11.32000µs
3
1
T
IOUT
VOUT
SLEW RATE = 4A/µs
B
W
B
W
Figure 23. Load Transient Response, COUT = 47 μF, VIN = 1.4 V, VOUT = 0.9 V
CH1 2mV
CH2 500mV
4.00µs
5GSPS
1M POINTS
CH2
1.86V
T
9.020000µs
2
1
T
VIN
VOUT
B
W
B
W
Figure 24. Line Transient Response, Load Current = 4 A,
VIN = 1.6 V to 1.98 V Step, VOUT = 1.3 V
CH1 2mV
CH3 500mV
4.00µs
5GS/s
1M points
CH2
1.53V
T
9.020000µs
2
1
T
VIN
VOUT
B
W
B
W
Figure 25. Line Transient Response, Load Current = 4 A,
VIN = 1.3 V to 1.7 V Step, VOUT = 0.9 V
0
4.0
0.5
1.5
2.5
3.5
1.0
2.0
3.0
0.1
1
10
LOAD CURRENT (A)
10Hz TO 100kHz
100Hz TO 100kHz
Figure 26. Output Noise vs. Load Current (ILOAD)
0.5
0.7
0.9
1.1
1.3
1.5
OUTPUT VOLTAGE (V)
0
4.0
0.5
1.5
2.5
3.5
1.0
2.0
3.0
10Hz TO 100kHz
100Hz TO 100kHz
Figure 27. Output Noise vs. Output Voltage (VOUT)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com