Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADP1764ACPZ-0.9-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # ADP1764ACPZ-0.9-R7
Description  4 A, Low VIN, Low Noise, CMOS Linear Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1764ACPZ-0.9-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADP1764ACPZ-0.9-R7 Datasheet HTML 11Page - Analog Devices ADP1764ACPZ-0.9-R7 Datasheet HTML 12Page - Analog Devices ADP1764ACPZ-0.9-R7 Datasheet HTML 13Page - Analog Devices ADP1764ACPZ-0.9-R7 Datasheet HTML 14Page - Analog Devices ADP1764ACPZ-0.9-R7 Datasheet HTML 15Page - Analog Devices ADP1764ACPZ-0.9-R7 Datasheet HTML 16Page - Analog Devices ADP1764ACPZ-0.9-R7 Datasheet HTML 17Page - Analog Devices ADP1764ACPZ-0.9-R7 Datasheet HTML 18Page - Analog Devices ADP1764ACPZ-0.9-R7 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
Data Sheet
ADP1764
Rev. A | Page 15 of 20
APPLICATIONS INFORMATION
CAPACITOR SELECTION
Output Capacitor
The ADP1764 is designed for operation with small, space-saving
ceramic capacitors, but it can function with most commonly used
capacitors as long as care is taken with the effective series
resistance (ESR) value. The ESR of the output capacitor affects
the stability of the LDO control loop. A minimum of 22 μF
capacitance with an ESR of 50 mΩ or less is recommended to
ensure the stability of the ADP1764. Transient response to changes
in load current is also affected by output capacitance. Using a larger
value of output capacitance improves the transient response of the
ADP1764 to large changes in load current. Figure 46 and Figure 47
show the transient responses for output capacitance values of 22 μF
and 47 μF, respectively.
CH1 50mV
CH3 2A
4.00µs
5GSPS
1M POINTS
CH3
2.44A
T
11.04000µs
3
1
T
IOUT
VOUT
SLEW RATE = 5A/µs
B
W
B
W
Figure 46. Output Transient Response, COUT = 22 μF, VOUT = 1.3 V
CH1 50mV
CH3 2A
4.00µs
5GSPS
1M POINTS
CH3
2.44A
T
11.16000µs
3
1
T
IOUT
VOUT
SLEW RATE = 5A/µs
B
W
B
W
Figure 47. Output Transient Response, COUT = 47 μF, VOUT = 1.3 V
Input Bypass Capacitor
Connecting a 22 μF capacitor from the VIN pin to the GND pin
to the ground plane reduces the circuit sensitivity to the PCB
layout, especially when long input traces or high source imped-
ances are encountered. If an output capacitance greater than 22 μF
is required, it is recommended to increase the input capacitor to
match it.
Input and Output Capacitor Properties
Use any good quality ceramic capacitors with the ADP1764 as
long as they meet the minimum capacitance and maximum ESR
requirements. Ceramic capacitors are manufactured with a variety
of dielectrics, each with different behavior over temperature and
applied voltage. Capacitors must have a dielectric adequate to
ensure the minimum capacitance over the necessary temperature
range and dc bias conditions. X5R or X7R dielectrics with a voltage
rating of 6.3 V or 10 V are recommended. Y5V and Z5U dielectrics
are not recommended, due to their poor temperature and dc bias
characteristics.
Figure 48 shows the capacitance vs. dc bias voltage characteristics
of a C2012X5R1A226K125AB, 0805 case, 22 μF, 10 V, X5R
capacitor. The voltage stability of a capacitor is strongly influenced
by the capacitor size and voltage rating. In general, a capacitor
in a larger package or with a higher voltage rating exhibits
improved stability. The temperature variation of the X5R
dielectric is about ±15% over the −55°C to +85°C temperature
range and is not a function of package size or voltage rating.
25
0
5
10
15
20
02
4
68
10
DC BIAS VOLTAGE (V)
Figure 48. Capacitance vs. DC Bias Voltage
Use Equation 4 to determine the worst-case capacitance,
accounting for capacitor variation over temperature, component
tolerance, and voltage.
CEFF = COUT × (1 − TEMPCO) × (1 − TOL)
(4)
where:
CEFF is the effective capacitance at the operating voltage.
COUT is the output capacitor.
TEMPCO is the worst case capacitor temperature coefficient.
TOL is the worst case component tolerance.
In this example, the worst case temperature coefficient
(TEMPCO) over −55°C to +125°C is assumed to be 15% for an
X5R dielectric. The tolerance of the capacitor (TOL) is assumed
to be 10%, and COUT = 19.48 μF at 1.0 V, as shown in Figure 48.
Substituting these values in Equation 4 yields
CEFF = 19.48 μF × (1 − 0.15) × (1 − 0.1) = 14.9 μF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com