Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32L053C8 Datasheet(PDF) 130 Page - STMicroelectronics

Part # STM32L053C8
Description  Ultra-low-power 32-bit MCU Arm®-based Cortex®-M0, up to 64KB Flash, 8KB SRAM, 2KB EEPROM, LCD, USB, ADC, DAC
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L053C8 Datasheet(HTML) 130 Page - STMicroelectronics

Back Button STM32L053C8 Datasheet HTML 126Page - STMicroelectronics STM32L053C8 Datasheet HTML 127Page - STMicroelectronics STM32L053C8 Datasheet HTML 128Page - STMicroelectronics STM32L053C8 Datasheet HTML 129Page - STMicroelectronics STM32L053C8 Datasheet HTML 130Page - STMicroelectronics STM32L053C8 Datasheet HTML 131Page - STMicroelectronics STM32L053C8 Datasheet HTML 132Page - STMicroelectronics STM32L053C8 Datasheet HTML 133Page - STMicroelectronics STM32L053C8 Datasheet HTML 134Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 136 page
background image
Revision history
STM32L053x6 STM32L053x8
130/136
DS10152 Rev 9
9
Revision history
Table 86. Document revision history
Date
Revision
Changes
07-
Feb-
2014
1
Initial release.
29-Apr-
2014
2
Updated Table 4: Functionalities depending on the working mode (from
Run/active down to standby). Added Section 3.2: Interconnect matrix.
Updated Figure 4: STM32L053x6/8 TFBGA64 ballout. Added VREF_OUT
additional function to PB0 and PB1, replaced TTa I/O structure by TC, and
updated PA0/4/5 and PC5/14 I/O structure, and added note 2 in Table 15:
STM32L053x6/8 pin definitions.
Updated Table 24: General operating conditions, Table 21: Voltage
characteristics and Table 22: Current characteristics.
Modified conditions in Table 27: Embedded internal reference voltage.
Updated Table 28: Current consumption in Run mode, code with data
processing running from Flash, Table 30: Current consumption in Run mode,
code with data processing running from RAM, Table 32: Current consumption
in Sleep mode, Table 33: Current consumption in Low-power run mode,
Table 34: Current consumption in Low-power sleep mode,Table 35: Typical and
maximum current consumptions in Stop mode and Table 36: Typical and
maximum current consumptions in Standby mode. Added Figure 12: IDD vs
VDD, at TA= 25/55/85/105 °C, Run mode, code running from Flash memory,
Range 2, HSE, 1WS, Figure 13: IDD vs VDD, at TA= 25/55/85/105 °C, Run
mode, code running from Flash memory, Range 2, HSI16, 1WS, Figure 14: IDD
vs VDD, at TA= 25/55/ 85/105/125 °C, Low-power run mode, code running
from RAM, Range 3, MSI (Range 0) at 64 KHz, 0 WS, Figure 15: IDD vs VDD,
at TA= 25/55/ 85/105/125 °C, Stop mode with RTC enabled and running on
LSE Low drive and Figure 16: IDD vs VDD, at TA= 25/55/85/105/125 °C, Stop
mode with RTC disabled, all clocks OFF.
Updated Table 43: HSE oscillator characteristics and Table 44: LSE oscillator
characteristics. Added Figure 21: HSI16 minimum and maximum value versus
temperature.
Updated Table 55: ESD absolute maximum ratings, Table 57: I/O current
injection susceptibility, Table 58: I/O static characteristics.
Added Figure 22: VIH/VIL versus VDD (CMOS I/Os) and Figure 23: VIH/VIL
versus VDD (TTL I/Os).
Updated Table 59: Output voltage characteristics, Table 60: I/O AC
characteristics and Figure 24: I/O AC characteristics definition.
Updated Table 62: ADC characteristics, Table 64: ADC accuracy, and
Figure 27: Typical connection diagram using the ADC. Updated Table 66:
Temperature sensor calibration values.
Updated Table 72: SPI characteristics in voltage Range 1 and Table 75: I2S
characteristics.
Added Figure 49: Thermal resistance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com