Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32L053C8 Datasheet(PDF) 131 Page - STMicroelectronics

Part # STM32L053C8
Description  Ultra-low-power 32-bit MCU Arm®-based Cortex®-M0, up to 64KB Flash, 8KB SRAM, 2KB EEPROM, LCD, USB, ADC, DAC
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L053C8 Datasheet(HTML) 131 Page - STMicroelectronics

Back Button STM32L053C8 Datasheet HTML 127Page - STMicroelectronics STM32L053C8 Datasheet HTML 128Page - STMicroelectronics STM32L053C8 Datasheet HTML 129Page - STMicroelectronics STM32L053C8 Datasheet HTML 130Page - STMicroelectronics STM32L053C8 Datasheet HTML 131Page - STMicroelectronics STM32L053C8 Datasheet HTML 132Page - STMicroelectronics STM32L053C8 Datasheet HTML 133Page - STMicroelectronics STM32L053C8 Datasheet HTML 134Page - STMicroelectronics STM32L053C8 Datasheet HTML 135Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 136 page
background image
DS10152 Rev 9
131/136
STM32L053x6 STM32L053x8
Revision history
135
25-Jun-
2014
3
ADC now guaranteed down to 1.65 V.
Cover page: updated core speed, added minimum supply voltage for ADC,
DAC and comparators.
Updated list of applications in Section 1: Introduction. Changed number of I2S
interfaces to one in Section 2: Description.
Updated RTC/TIM21 in Table 5: STM32L0xx peripherals interconnect matrix.
Updated Table 4: Functionalities depending on the working mode (from
Run/active down to standby).
Updated Section 3.4.1: Power supply schemes.
Updated Figure 4: STM32L053x6/8 TFBGA64 ballout.
Updated VDDA in Table 24: General operating conditions.
Splitted Table Current consumption in Run mode, code with data processing
running from Flash into Table 28 and Table 29 and content updated. Splitted
Table Current consumption in Run mode, code with data processing running
from RAM into Table 30 and Table 31 and content updated. Updated Table 32:
Current consumption in Sleep mode, Table 33: Current consumption in Low-
power run mode, Table 34: Current consumption in Low-power sleep mode,
Table 35: Typical and maximum current consumptions in Stop mode, Table 36:
Typical and maximum current consumptions in Standby mode, and added
Table 37: Average current consumption during Wakeup.
Updated Table 38: Peripheral current consumption in Run or Sleep mode and
added Table 39: Peripheral current consumption in Stop and Standby mode.
Updated Table 46: HSI48 oscillator characteristics. Removed note 1 below
Figure 19: HSE oscillator circuit diagram.
Updated tLOCK in Table 49: PLL characteristics.
Updated Table 51: Flash memory and data EEPROM characteristics and
Table 52: Flash memory and data EEPROM endurance and retention.
Updated Table 60: I/O AC characteristics.
Updated Table 62: ADC characteristics.
Updated Figure 49: Thermal resistance and added note 1.
Table 86. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com