Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32L053C8 Datasheet(PDF) 135 Page - STMicroelectronics

Part # STM32L053C8
Description  Ultra-low-power 32-bit MCU Arm®-based Cortex®-M0, up to 64KB Flash, 8KB SRAM, 2KB EEPROM, LCD, USB, ADC, DAC
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L053C8 Datasheet(HTML) 135 Page - STMicroelectronics

Back Button STM32L053C8 Datasheet HTML 128Page - STMicroelectronics STM32L053C8 Datasheet HTML 129Page - STMicroelectronics STM32L053C8 Datasheet HTML 130Page - STMicroelectronics STM32L053C8 Datasheet HTML 131Page - STMicroelectronics STM32L053C8 Datasheet HTML 132Page - STMicroelectronics STM32L053C8 Datasheet HTML 133Page - STMicroelectronics STM32L053C8 Datasheet HTML 134Page - STMicroelectronics STM32L053C8 Datasheet HTML 135Page - STMicroelectronics STM32L053C8 Datasheet HTML 136Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 135 / 136 page
background image
DS10152 Rev 9
135/136
STM32L053x6 STM32L053x8
Revision history
135
11-
Sep-
2017
8
Memories and I/Os moved after Core in Features.
Removed column "I/O operation" from Table 2: Functionalities depending on
the operating power supply range and added note related to GPIO speed.
Updated VDD_USB in Section 3.4.1: Power supply schemes.
Updated Figure 30: 12-bit buffered/non-buffered DAC and added note below
figure.
In Section 5: Memory mapping, replaced memory mapping schematic by
reference to the reference manual.
Updated minimum and maximum values of I/O weak pull-up equivalent resistor
(RPU) and weak pull-down equivalent resistor (RPD) in Table 58: I/O static
characteristics.
Updated minimum and maximum values of NRST weak pull-up equivalent
resistor (RPU) in Table 61: NRST pin characteristics.
Removed Table 90: USART/LPUART characteristics.
Updated Figure 40: TFBGA64 – 64-ball, 5 x 5 mm, 0.5 mm pitch thin profile fine
pitch ball grid array package outline.
Updated note below marking schematics.
27-Jun-
2019
9
Added UFQFPN48 package.
Updated Arm logo and added Arm word mark notice in Section 1: Introduction.
Removed Cortex and USB logos.
Updated Table 4: Functionalities depending on the working mode (from
Run/active down to standby) to change I2C functionality to disabled in Low-
power Run and Low-power Sleep modes.
Updated VDD_USB description in Section 3.4.1: Power supply schemes.
Replaced
LCD_VLCD2 by LCD_VLCD1 in Section 3.13.2: VLCD voltage
monitoring.
Changed USARTx_RTS, USARTx_RTS_DE into USARTx_RTS/USARTx_DE,
and LPUART1_RTS, LPUART1_RTS_DE into LPUART1_RTS/LPUART1_DE
in Section 4: Pin descriptions. In Table 15: STM32L053x6/8 pin definitions
changed PB2 and PB12 additional functions to LCD_VLCD2 and LCD_VLCD1,
respectively.
Updated VDD_USB and note 2. in Table 24: General operating conditions.
Updated tAF maximum value for range 1 in Table 71: I2C analog filter
characteristics.
Updated Figure 40: TFBGA64 – 64-ball, 5 x 5 mm, 0.5 mm pitch thin profile fine
pitch ball grid array package outline, Figure 41: TFBGA64 – 64-ball, 5 x 5 mm,
0.5 mm pitch, thin profile fine pitch ball ,grid array recommended footprint and
Figure 82: TFBGA64 recommended PCB design rules (0.5 mm pitch BGA).
Updated paragraph introducing all package marking schematics to add the new
sentence “The printed markings may differ depending on the supply chain”.
Added UFQFPN48 package marking example.
Table 86. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com