Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ICL7117C/D Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # ICL7117C/D
Description  3쩍 Digit ADCs with Display Hold
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

ICL7117C/D Datasheet(HTML) 6 Page - Maxim Integrated Products

  ICL7117C/D Datasheet HTML 1Page - Maxim Integrated Products ICL7117C/D Datasheet HTML 2Page - Maxim Integrated Products ICL7117C/D Datasheet HTML 3Page - Maxim Integrated Products ICL7117C/D Datasheet HTML 4Page - Maxim Integrated Products ICL7117C/D Datasheet HTML 5Page - Maxim Integrated Products ICL7117C/D Datasheet HTML 6Page - Maxim Integrated Products ICL7117C/D Datasheet HTML 7Page - Maxim Integrated Products ICL7117C/D Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Figure 2. Maxim ICL7117 Typical Operating Circuit, 200mV Reference
D3 E2 F2 A2 B2 C2 D2 E1 G1 F1
B3
F3
E3
AB4
POL4
BP/GND [7116/7117]
G3
A3
C3
G2
V-
INT
BUFF
A/Z
IN LO
IN H1
COMMON
C-REF
C+REF
A1
B1
C1
D1
HLDR
OSC1
OSC2
OSC3
TEST
REF HI
V+
0.168"
(4.27mm)
0.130"
(3.30mm)
Chip Topography
ANALOG
INPUT
ICL7117
+
-
LCD DISPLAY
VREF
CLOSED = HOLD
OPEN = RUN
TO ANALOG
COMMON PIN
[PIN 32]
IN HI
31
IN LO
30
32
1MΩ
0.01µF
COMMON
BUFF
28
A-Z
29
INT
29
0.47µF
0.22µF
47kΩ
39
34
33
0.1µF
C+REF C-REF
OSC2 OSC3
OSC1
38 COSC
100pF
100kΩ
40
ROSC
SEGMENT
DRIVE
2–19
22–25
POL
BP
20
21
BACKPLANE
DRIVE
1
V+
V-
REF HI
35
36
26
24kΩ
10kΩ
+5V
+5V
HOLD
ICL7116/ICL7117
3½ Digit ADCs with Display Hold
www.maximintegrated.com
Maxim Integrated │ 6



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com