Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ICL7117C/D Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # ICL7117C/D
Description  3쩍 Digit ADCs with Display Hold
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

ICL7117C/D Datasheet(HTML) 1 Page - Maxim Integrated Products

  ICL7117C/D Datasheet HTML 1Page - Maxim Integrated Products ICL7117C/D Datasheet HTML 2Page - Maxim Integrated Products ICL7117C/D Datasheet HTML 3Page - Maxim Integrated Products ICL7117C/D Datasheet HTML 4Page - Maxim Integrated Products ICL7117C/D Datasheet HTML 5Page - Maxim Integrated Products ICL7117C/D Datasheet HTML 6Page - Maxim Integrated Products ICL7117C/D Datasheet HTML 7Page - Maxim Integrated Products ICL7117C/D Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
General Description
The Maxim ICL7116 and ICL7117 are 3½ digit monolithic
analog-to-digital converters. They differ from the Maxim
ICL7106 and ICL7107 in that the ICL7116 and ICL7117
have a Hold pin, which makes it possible to hold or
“freeze” a reading. These integrating ADCs have very
high input impedances and directly drive LCD (ICL7116)
and LED (ICL7117) displays.
Versatility and accuracy are inherent features of these
converters. The dual-slope conversion technique auto-
matically rejects interference signals common in industrial
environments. The true differential input is particularly
useful when making ratiometric measurements (ohms or
bridge transducers). Maxim has added a zero-integrator
phase to the ICL7116 and ICL7117, eliminating overrange
hangover and hysteresis effects. Finally, these devices
offer high accuracy by lowering rollover error to less than
one count and zero reading drift to less than 1µV/ºC.
Applications
These devices can be used in a wide range of digital
panel meter applications. Most applications, however,
involve the measurement and display of analog data:
Features
● Improved 2nd Source!
● Hold Pin Allows Indefinite Display Hold
● Guaranteed First Reading Recovery from Overrange
● On-Board Display Drive Capability—No External
Circuitry Required: LCD (ICL7116), LED (ICL7117)
● High-Impedance CMOS Differential Inputs
● Low Noise (< 15µVP-P) Without Hysteresis or
Overrange Hangover
● Clock and Reference On-Chip
● Zero Input Gives Zero Reading
● True Polarity Indication for Precision Null Applications
Ordering Information appears at end of data sheet.
● Pressure
● Voltage
● Resistance
● Temperature
● Conductance
● Current
● Speed
● Material Thickness
ANALOG
INPUT
ICL7116
+
-
LCD DISPLAY
VREF
CLOSED = HOLD
OPEN = RUN
9V
TO ANALOG
COMMON PIN
[PIN 32]
TOP VIEW
C1
B1
TEST
1
2
40
39
HOLD
D1
OSC2
OSC3
OSC1
PDIP
3
4
38
37
G1
E1
C-REF
5
6
36
35
A1
F1
V+
C+REF
REF HI
7
8
34
33
D2
COMMON
9
32
C2
ON HI
10
31
B2
ON LO
11
30
A2
F2
E2
A/Z
BUFF
INT
12
29
13
28
14
D3
15
B3
16
F3
17
E3
AB4
POL
V-
G2
C3
A3
G3
BP/GND
18
19
20
27
26
25
24
23
22
21
ICL7116
ICL7117
Detailed Circuit Diagram - see Figure 1
Pin Configurations continued at end of data sheet
ICL7116/ICL7117
3½ Digit ADCs with Display Hold
19-0949; Rev 2; 1/17
Typical Operating Circuit
Pin Configurations
EVALUATION KIT AVAILABLE


Similar Part No. - ICL7117C/D

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
ICL7117C/D MAXIM-ICL7117C/D Datasheet
193Kb / 4P
3쩍 Digit A/D Converter With Display Hold
19-5038; Rev 0; 1985
More results

Similar Description - ICL7117C/D

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL7116 INTERSIL-ICL7116 Datasheet
140Kb / 14P
31/2 Digit, LCD/LED Display, A/D Converter with Display Hold
January 1998
logo
Maxim Integrated Produc...
ICL7106 MAXIM-ICL7106 Datasheet
543Kb / 12P
3쩍 Digit A/D Converter
ICL7116 MAXIM-ICL7116 Datasheet
193Kb / 4P
3쩍 Digit A/D Converter With Display Hold
19-5038; Rev 0; 1985
MAX133 MAXIM-MAX133 Datasheet
969Kb / 20P
3쩍 Digit DMM Circuit
logo
Intersil Corporation
ICL7106_0512 INTERSIL-ICL7106_0512 Datasheet
533Kb / 16P
3쩍 Digit, LCD/LED Display, A/D Converters
December 1, 2005
logo
Murata Power Solutions ...
DMS-20LCD MURATA-PS-DMS-20LCD Datasheet
253Kb / 6P
3쩍 Digit, LCD Display Digital Panel Voltmeters
DMS-30LCD MURATA-PS-DMS-30LCD Datasheet
275Kb / 6P
3쩍 Digit, LCD Display Digital Panel Voltmeters
logo
Murata Manufacturing Co...
DM3100N MURATA-DM3100N Datasheet
224Kb / 6P
Low Cost, 3쩍 Digit, LED Display in Low Profile Case
logo
Unisonic Technologies
7106 UTC-7106_11 Datasheet
368Kb / 18P
3쩍 DIGIT, LCD DISPLAY, A/D CONVERTERS
logo
Maxim Integrated Produc...
ICL7117RCPL MAXIM-ICL7117RCPL Datasheet
197Kb / 4P
31/2 Digit A/D Converter With Display Hold
Rev 0; 1985
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com