Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM8S903K3 Datasheet(PDF) 59 Page - STMicroelectronics

Part # STM8S903K3
Description  16 MHz STM8S 8-bit MCU, up to 8 Kbytes Flash, 1 Kbyte RAM, 640 bytes EEPROM,10-bit ADC, 2 timers, UART, SPI, I²C
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S903K3 Datasheet(HTML) 59 Page - STMicroelectronics

Back Button STM8S903K3 Datasheet HTML 55Page - STMicroelectronics STM8S903K3 Datasheet HTML 56Page - STMicroelectronics STM8S903K3 Datasheet HTML 57Page - STMicroelectronics STM8S903K3 Datasheet HTML 58Page - STMicroelectronics STM8S903K3 Datasheet HTML 59Page - STMicroelectronics STM8S903K3 Datasheet HTML 60Page - STMicroelectronics STM8S903K3 Datasheet HTML 61Page - STMicroelectronics STM8S903K3 Datasheet HTML 62Page - STMicroelectronics STM8S903K3 Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 124 page
background image
DocID15590 Rev 12
59/124
STM8S903K3 STM8S903F3
Electrical characteristics
89
Total current consumption in active halt mode
Table 27. Total current consumption in active halt mode at VDD = 5 V
Symbol Parameter
Conditions
Typ
Max at
85 °C(1)
Max at
85 °C(1)
Unit
Main
voltage
regulator
(MVR)(2)
Flash mode(3)
Clock source
IDD(AH)
Supply
current in
active halt
mode
On
Operating mode
HSE crystal osc.
(16 MHz)
1030
-
-
µA
Operating mode
LSI RC osc. (128 kHz)
200
260
300
Power down
mode
HSE crystal osc.
(16 MHz)
970
-
-
Power down
mode
LSI RC osc. (128 kHz)
150
200
230
Off
Operating mode
LSI RC osc. (128 kHz)
66
85
110
Power down
mode
LSI RC osc. (128 kHz)
10
20
40
1.
Guaranteed by characterization results.
2. Configured by the REGAH bit in the CLK_ICKR register.
3. Configured by the AHALT bit in the FLASH_CR1 register.
Table 28. Total current consumption in active halt mode at VDD = 3.3 V
Symbol Parameter
Conditions
Typ
Max at
85 °C(1)
Max at
85 °C(1)
Unit
Main
voltage
regulator
(MVR)(2)
Flash mode(3)
Clock source
IDD(AH)
Supply
current in
active halt
mode
On
Operating mode
HSE crystal osc.
(16 MHz)
550
-
-
µA
Operating mode
LSI RC osc. (128 kHz)
200
260
290
Power down
mode
HSE crystal osc.
(16 MHz)
970
-
-
Power down
mode
LSI RC osc. (128 kHz)
150
200
230
Off
Operating mode
LSI RC osc. (128 kHz)
66
80
105
Power down
mode
LSI RC osc. (128 kHz)
10
18
35
1.
Guaranteed by characterization results.
2. Configured by the REGAH bit in the CLK_ICKR register.
3. Configured by the AHALT bit in the FLASH_CR1 register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com