Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC58EE80E7 Datasheet(PDF) 121 Page - STMicroelectronics

Part # SPC58EE80E7
Description  32-bit Power Architecture microcontroller for automotive ASIL-D applications
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC58EE80E7 Datasheet(HTML) 121 Page - STMicroelectronics

Back Button SPC58EE80E7 Datasheet HTML 117Page - STMicroelectronics SPC58EE80E7 Datasheet HTML 118Page - STMicroelectronics SPC58EE80E7 Datasheet HTML 119Page - STMicroelectronics SPC58EE80E7 Datasheet HTML 120Page - STMicroelectronics SPC58EE80E7 Datasheet HTML 121Page - STMicroelectronics SPC58EE80E7 Datasheet HTML 122Page - STMicroelectronics SPC58EE80E7 Datasheet HTML 123Page - STMicroelectronics SPC58EE80E7 Datasheet HTML 124Page - STMicroelectronics SPC58EE80E7 Datasheet HTML 125Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 154 page
background image
DS11646 Rev 4
121/154
SPC58EEx, SPC58NEx
Electrical characteristics
128
Figure 44. RMII transmit signal timing diagram
3.18.4
FlexRay timing
This section provides the FlexRay Interface timing characteristics for the input and output
signals.
These are recommended numbers as per the FlexRay EPL v3.0 specification, and subject
to change per the final timing analysis of the device.
Table 67. RMII transmit signal timing
Symbol
C
Characteristic
Value
Unit
Min
Max
R5
CC D REF_CLK to TXD[1:0], TX_EN invalid
2
—
ns
R6
CC D REF_CLK to TXD[1:0], TX_EN valid
—
14
ns
R7
CC D REF_CLK pulse width high
35%
65%
REF_CLK period
R8
CC D REF_CLK pulse width low
35%
65%
REF_CLK period
R6
REF_CLK (input)
TXD[1:0] (outputs)
TX_EN
R5
R7
R8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com