Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC58EE80E7 Datasheet(PDF) 124 Page - STMicroelectronics

Part # SPC58EE80E7
Description  32-bit Power Architecture microcontroller for automotive ASIL-D applications
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC58EE80E7 Datasheet(HTML) 124 Page - STMicroelectronics

Back Button SPC58EE80E7 Datasheet HTML 120Page - STMicroelectronics SPC58EE80E7 Datasheet HTML 121Page - STMicroelectronics SPC58EE80E7 Datasheet HTML 122Page - STMicroelectronics SPC58EE80E7 Datasheet HTML 123Page - STMicroelectronics SPC58EE80E7 Datasheet HTML 124Page - STMicroelectronics SPC58EE80E7 Datasheet HTML 125Page - STMicroelectronics SPC58EE80E7 Datasheet HTML 126Page - STMicroelectronics SPC58EE80E7 Datasheet HTML 127Page - STMicroelectronics SPC58EE80E7 Datasheet HTML 128Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 154 page
background image
Electrical characteristics
SPC58EEx, SPC58NEx
124/154
DS11646 Rev 4
Figure 48. TxD Signal propagation delays
3.18.4.3
RxD
Table 69. TxD output characteristics
Symbol
C
Characteristic(1),(2)
Value
Unit
Min
Max
dCCTxAsym
CC D
Asymmetry of sending CC at 25 pF load
(= dCCTxD50% − 100 ns)
–2.45
2.45
ns
dCCTxDRISE25+dCCTxDFALL25 CC
D Sum of Rise and Fall time of TxD signal at the
output pin(3)
—9(4)
ns
D—
9(5)
dCCTxD01
CC D
Sum of delay between Clk to Q of the last FF
and the final output buffer, rising edge
—25
ns
dCCTxD10
CC D
Sum of delay between Clk to Q of the last FF
and the final output buffer, falling edge
—25
ns
1. TxD pin load maximum 25 pF.
2. Pad configured as VERY STRONG.
3. Sum of transition time simulation is performed according to Electrical Physical Layer Specification 3.0.1 and the entire
temperature range of the device has been taken into account.
4. VDD_HV_IO = 5.0 V ± 10%, Transmission line Z = 50 ohms, tdelay = 1 ns, CL = 10 pF.
5. VDD_HV_IO = 3.3 V ± 10%, Transmission line Z = 50 ohms, tdelay = 0.6 ns, CL = 10 pF.
dCCTxD10
dCCTxD01
TxD
PE_Clk
*
* FlexRay Protocol Engine Clock
Table 70. RxD input characteristics
Symbol
C
Characteristic
Value
Unit
Min
Max
C_CCRxD
CC D Input capacitance on RxD pin
—
7
pF
uCCLogic_1
CC D Threshold for detecting logic high
35
70
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com