Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST25R3918 Datasheet(PDF) 124 Page - STMicroelectronics

Part # ST25R3918
Description  Multi-purpose NFC transceiver
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3918 Datasheet(HTML) 124 Page - STMicroelectronics

Back Button ST25R3918 Datasheet HTML 120Page - STMicroelectronics ST25R3918 Datasheet HTML 121Page - STMicroelectronics ST25R3918 Datasheet HTML 122Page - STMicroelectronics ST25R3918 Datasheet HTML 123Page - STMicroelectronics ST25R3918 Datasheet HTML 124Page - STMicroelectronics ST25R3918 Datasheet HTML 125Page - STMicroelectronics ST25R3918 Datasheet HTML 126Page - STMicroelectronics ST25R3918 Datasheet HTML 127Page - STMicroelectronics ST25R3918 Datasheet HTML 128Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 141 page
background image
Electrical characteristics
ST25R3918
124/141
DS13490 Rev 2
5
Electrical characteristics
5.1
Absolute maximum ratings
Any stress beyond the limits listed in Table 108 may cause permanent damage to the
device. These are stress ratings only.
Functional operation of the device at these or any other conditions beyond those indicated
in Table 108 is not implied. Exposure to absolute maximum rating conditions for extended
periods may affect device reliability.
Table 108. Absolute maximum ratings
Symbol
Parameter
Min
Max
Unit
VDD, VDD_TX(1)
1. Referenced to VSS.
Positive supply voltage
-0.3
6.0
V
VDD, VDD_TX(1)(2)
2. Bit sup3V set to 1 in IO configuration register 2.
Positive supply voltage when option bit sup3V is set
-0.3
5
∆VDD-VDD_TX(1) Difference between VDD and VDD_TX
-0.3
0.3
VDD_IO(1)
Peripheral communication supply voltage
-0.3
6
VGND(1)
Negative supply voltage
-0.3
0.3
VpIO(1)
Voltage for peripheral IO communication pins (27 to 32)
-0.3
6
Vp5V(1)
Voltage for other pins (9, 11, 13, 14, 15, and 17)
in the 5 V domain
-0.3
6
Vp3V(1)
Voltage for other pins (2 to 5, 7, 18, 19, 20 and 22 to 25)
in the 3 V domain
-0.3
5
Iscr
Input current (latch-up immunity) according to JESD78
-100
100
mA
IVDD_LDO
Maximum driver current using internal voltage regulator
-
85(3)
3. Provide good thermal management to ensure that junction temperature remains below the specified value.
mA
IVDD_EXT(4)
4. VDD_RF is connected to VDD_TX to bypass the internal voltage regulator.
Peak current supplied from an external source, internal
voltage regulator bypassed
125(5)
5. Peak current with RF driver externally supplied. Provide good thermal management to ensure that junction
temperature remains below the specified value.
ESD voltage
Electrostatic discharge voltage according to JS-001,
human body model
-
2000
V
Tstrg
Storage temperature
-65
150
°C
Tbody
Package body temperature according to IPC/JEDEC
J-STD-020(6)
6. Reflow peak soldering temperature (body temperature) is specified according to IPC/JEDEC J-STD-020
“Moisture/Reflow Sensitivity Classification for Non-hermetic Solid State Surface Mount Devices”.
-
260
TJun
Junction temperature
-40
125
-
Humidity non-condensing
5
85
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com