Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST25R3918 Datasheet(PDF) 125 Page - STMicroelectronics

Part # ST25R3918
Description  Multi-purpose NFC transceiver
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3918 Datasheet(HTML) 125 Page - STMicroelectronics

Back Button ST25R3918 Datasheet HTML 121Page - STMicroelectronics ST25R3918 Datasheet HTML 122Page - STMicroelectronics ST25R3918 Datasheet HTML 123Page - STMicroelectronics ST25R3918 Datasheet HTML 124Page - STMicroelectronics ST25R3918 Datasheet HTML 125Page - STMicroelectronics ST25R3918 Datasheet HTML 126Page - STMicroelectronics ST25R3918 Datasheet HTML 127Page - STMicroelectronics ST25R3918 Datasheet HTML 128Page - STMicroelectronics ST25R3918 Datasheet HTML 129Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 141 page
background image
DS13490 Rev 2
125/141
ST25R3918
Electrical characteristics
140
5.2
Operating conditions
All defined tolerances for external components in this specification need to be ensured over
the whole operation conditions range and also over lifetime.
Table 109. Operating conditions
Symbol
Parameter
Min
Max
Unit
VDD, VDD_TX(1) (2)
1. Referenced to VSS.
2. If power supply is lower than 2.6 V, PSSR cannot be improved using internal regulators (minimum
regulated voltage is 2.4 V).
Positive supply voltage (pins 8 and 10),
Tamb = -40 to 105 °C, rege <3:0> ≥ 07h
2.6
5.5
V
Positive supply voltage (pins 8 and 10),
Tamb = -20 to 105 °C
2.4
5.5
Positive supply voltage when option bit sup3V is set(3),
Tamb = -40 to 105 °C, rege <3:0> ≥ 07h
3. Bit sup3V set to 1 in IO configuration register 2.
2.6
3.6
Positive supply voltage when option bit sup3V is set(3),
Tamb = -20 to 105 °C
2.4
3.6
VDD_DR(1)
Driver positive supply voltage when driver is directly
supplied (pin 14)
Mandatory condition: VDD_DR ≤ VDD, VDD_TX
2.4
5.5
V
∆VDD-VDD_TX(1)
Difference between VDD and VDD_TX
-0.2
0.2
VDD_IO(1)
Peripheral communication supply voltage (pin 1)
1.65
5.5
VGND(1)
Negative supply voltage (pins 6, 12, 16 and 26)
0
0
VpIO(1)
Voltage for peripheral IO communication pins
(27 to 32)
05.5
Vp5V(1)
Voltage for other pins (9, 11, 13, 14, 15 and 17)
in the 5 V domain
05.5
Vp3V(1)
Voltage for other pins (5, 7, 18 to 20 and 22 to 24)
in the 3 V domain
03.6
T(amb, VFQFPN32)(4)
4. The device must be mounted on a PCB with sufficient heat dissipation.
Ambient temperature range for VFQFPN32 package
-40
105
°C
VRFI_A
RFI input amplitude(5)
5. The minimum RFI input signal definition is meant for NFC active P2P reception and NFC passive target
reception. In HF reader mode and NFC transmit mode the recommended signal level is 2.5 VPP.
0.15
3
VPP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com