Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST25R3918 Datasheet(PDF) 132 Page - STMicroelectronics

Part # ST25R3918
Description  Multi-purpose NFC transceiver
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3918 Datasheet(HTML) 132 Page - STMicroelectronics

Back Button ST25R3918 Datasheet HTML 128Page - STMicroelectronics ST25R3918 Datasheet HTML 129Page - STMicroelectronics ST25R3918 Datasheet HTML 130Page - STMicroelectronics ST25R3918 Datasheet HTML 131Page - STMicroelectronics ST25R3918 Datasheet HTML 132Page - STMicroelectronics ST25R3918 Datasheet HTML 133Page - STMicroelectronics ST25R3918 Datasheet HTML 134Page - STMicroelectronics ST25R3918 Datasheet HTML 135Page - STMicroelectronics ST25R3918 Datasheet HTML 136Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 141 page
background image
Electrical characteristics
ST25R3918
132/141
DS13490 Rev 2
5.6
I2C interface characteristics
Transition from 100 kHz / 400 kHz / 1 MHz mode to 3.4 MHz mode (High speed mode) is
done via Master code 00001XXX, as described in the I2C specification.
Table 116. AC measurement conditions
Symbol
Parameter
Min
Max
Unit
CBUS
Load capacitance
100
pF
-
SCL input rise/fall time, SDA input fall time
-
50
ns
Table 117. AC measurement conditions - I2C configuration
Mode
Rate
Setting
S
100 kHz
i2c_thd = 00b, io_drv_lvl = 1b
F
400 kHz
i2c_thd = 01b, io_drvl_lvl = 1b
F+
1000 kHz
i2c_thd = 11b, Io_drv_lvl = 1b
HS
3400 kHz
i2c_thd = 11b, io_drv_lvl = 1b
Table 118. Input parameters(1)
1. Evaluated by characterization, not tested in production.
Symbol
Parameter
Conditions
Min
Max
Unit
CIN
Input capacitance (SDA)
-
-
15
pF
Input capacitance (SCL)
-
-
15
Table 119. DC characteristics(1)
1. Evaluated by characterization, not tested in production.
Symbol
Parameter
Conditions (in addition to those
in Table 116 and Table 117)
Min
Max
Unit
ILI
Input leakage
current (SCL, SDA)
VIN = VSS or VCC, device in
Standby mode
-± 10
µA
ILO
Output leakage
current
SDA in Hi-Z, external voltage
applied on SDA: VSS or VCC
-± 10
VIL
Input low voltage
(SCL, SDA)
-
-0.4
0.2 VDD_IO
V
VIH
Input high voltage
(SCL, SDA)
-
0.8 VDD_IO VDD_IO + 0.4
VOL
Output low voltage
VDD_IO = 1.65 V, IOL = 2.5 mA
-
0.1 VDD_IO
VDD_IO = 2.4 V, IOL = 3.0 mA
-
0.1 VDD_IO
VDD_IO = 3.3 V, IOL = 8 mA
-
0.1 VDD_IO
VDD_IO = 5.5 V, IOL = 8 mA
-
0.1 VDD_IO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com