Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST25R3918 Datasheet(PDF) 130 Page - STMicroelectronics

Part # ST25R3918
Description  Multi-purpose NFC transceiver
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3918 Datasheet(HTML) 130 Page - STMicroelectronics

Back Button ST25R3918 Datasheet HTML 126Page - STMicroelectronics ST25R3918 Datasheet HTML 127Page - STMicroelectronics ST25R3918 Datasheet HTML 128Page - STMicroelectronics ST25R3918 Datasheet HTML 129Page - STMicroelectronics ST25R3918 Datasheet HTML 130Page - STMicroelectronics ST25R3918 Datasheet HTML 131Page - STMicroelectronics ST25R3918 Datasheet HTML 132Page - STMicroelectronics ST25R3918 Datasheet HTML 133Page - STMicroelectronics ST25R3918 Datasheet HTML 134Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 141 page
background image
Electrical characteristics
ST25R3918
130/141
DS13490 Rev 2
5.5
SPI interface characteristics
Table 114. SPI characteristics (5 MHz) (1)
Operation
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
General
TSCLK
SCLK period
TSCLK = TSCLKL + TSCLKH
-200
-
ns
TSCLKL
SCLK low
-
95
-
-
TSCLKH
SCLK high
-
95
-
-
TSSH
SPI reset (BSS high)
-
100
-
-
TNCSL
BSS falling to SCLK rising
First SCLK pulse
25
-
-
TNCSH
SCLK falling to BSS rising
Last SCLK pulse
25
-
-
TDIS
Data in setup time
-
10
-
-
TDIH
Data in hold time
-
10
-
-
Read
TDOD
Data out delay
Cload ≤ 50 pF,
VDD_IO = 1.65 to 3.0 V
-80
95
Cload ≤ 50 pF,
VDD_IO = 3.0 to 5.5 V
--
70
TDOHZ
Data out to high
impedance delay
Cload ≤ 50 pF
-
20
-
1. Evaluated by characterization, not tested in production.
Table 115. SPI characteristics (5 MHz < 1 / TSCLK < 10 MHz) (1)
Operation
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
General
TSCLK
SCLK period
TSCLK = TSCLKL + TSCLKH
100
-
-
ns
TSCLKL
SCLK low
-
40
-
-
TSCLKH
SCLK high
-
40
-
-
TSSH
SPI reset (BSS high)
-
100
-
-
TNCSL
BSS falling to SCLK rising
First SCLK pulse
25
-
-
TNCSH
SCLK falling to BSS rising
Last SCLK pulse
25
-
-
TDIS
Data in setup time
-
10
-
-
TDIH
Data in hold time
-
10
-
-
Read
TDOD
Data out delay
Cload ≤ 50 pF
-
55
70
TDOHZ
Data out to high
impedance delay
Cload ≤ 50 pF
-
20
-
1. Evaluated by characterization, not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com