Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PDQ2-S Datasheet(PDF) 3 Page - CUI INC

Part # PDQ2-S
Description  DC-DC CONVERTER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PDQ2-S Datasheet(HTML) 3 Page - CUI INC

  PDQ2-S_V01 Datasheet HTML 1Page - CUI INC PDQ2-S_V01 Datasheet HTML 2Page - CUI INC PDQ2-S_V01 Datasheet HTML 3Page - CUI INC PDQ2-S_V01 Datasheet HTML 4Page - CUI INC PDQ2-S_V01 Datasheet HTML 5Page - CUI INC PDQ2-S_V01 Datasheet HTML 6Page - CUI INC PDQ2-S_V01 Datasheet HTML 7Page - CUI INC PDQ2-S_V01 Datasheet HTML 8Page - CUI INC PDQ2-S_V01 Datasheet HTML 9Page - CUI INC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
cui.com
date 07/12/2021
│ page 3 of 10
CUI Inc
│ SERIES: PDQ2-S │ DESCRIPTION: DC-DC CONVERTER
OUTPUT
parameter
conditions/description
min
typ
max
units
maximum capacitive load
3.3 Vdc output models
5 Vdc output models
12 Vdc output models
15 Vdc output models
±5 Vdc output models
±12 Vdc output models
±15 Vdc output models
500
400
167
134
200
83
67
μF
μF
μF
μF
μF
μF
μF
voltage accuracy
±1.5
%
line regulation
from high line to low line
±0.5
%
load regulation
from 100% load to minimum load
single output models
dual output models
±0.5
±1
%
%
voltage balance
dual output models
±1
%
cross regulation1
load cross variation 25%/100% (dual output
models)
±5
%
turn-on delay time, from input
from Vin, min to 10% Vo
1
ms
turn-on delay time, from
on/off control
from Von/off to 10% Vo
1
ms
rise time
from 10% Vo to 90% Vo
2.5
ms
switching frequency
at nominal Vin, full load
100
kHz
dynamic load response
25% step load change
error band (Vout)
recovery time
± 6
500
%
µs
temperature coefficient
±0.03
%/°C
Note:
1. For asymmetric loading, both outputs must be at least 25% load.
PROTECTIONS
parameter
conditions/description
min
typ
max
units
over current protection
120
%
short circuit protection
continuous, automatic recovery
SAFETY AND COMPLIANCE
parameter
conditions/description
min
typ
max
units
isolation voltage
input to output for 1 minute
1,500
Vdc
isolation resistance
input to output
1,000
MΩ
isolation capacitance
input to output
500
pF
safety approvals
62368-1: EN
meets 62368-1: UL
conducted emissions
EN 55022 Class A & Class B (external circuit required, see Figure 3)
MTBF
as per MIL-HDBK-217F, full load, GB, 25°C
2,500,000
hours
RoHS
2011/65/EU
ENVIRONMENTAL
parameter
conditions/description
min
typ
max
units
operating temperature
see derating curve
-40
100
°C
storage temperature
-55
125
°C
operating humidity
non-condensing
95
%
Additional Resources: Product Page | 3D Model | PCB Footprint



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com