Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PDQ2-S Datasheet(PDF) 4 Page - CUI INC

Part # PDQ2-S
Description  DC-DC CONVERTER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PDQ2-S Datasheet(HTML) 4 Page - CUI INC

  PDQ2-S_V01 Datasheet HTML 1Page - CUI INC PDQ2-S_V01 Datasheet HTML 2Page - CUI INC PDQ2-S_V01 Datasheet HTML 3Page - CUI INC PDQ2-S_V01 Datasheet HTML 4Page - CUI INC PDQ2-S_V01 Datasheet HTML 5Page - CUI INC PDQ2-S_V01 Datasheet HTML 6Page - CUI INC PDQ2-S_V01 Datasheet HTML 7Page - CUI INC PDQ2-S_V01 Datasheet HTML 8Page - CUI INC PDQ2-S_V01 Datasheet HTML 9Page - CUI INC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
cui.com
date 07/12/2021
│ page 4 of 10
CUI Inc
│ SERIES: PDQ2-S │ DESCRIPTION: DC-DC CONVERTER
SOLDERABILITY
parameter
conditions/description
min
typ
max
units
wave soldering
see wave soldering profile
260
°C
Time (Seconds)
Notes:
1. Soldering materials: Sn/Cu/Ni
2. Ramp up rate during preheat: 1.4°C/s (from 50°C to 100°C)
3. Soaking temperature: 0.5°C/s (from 100°C to 130°C), 60±20 seconds
4. Peak temperature: 260°C, above 250°C for 3~6 seconds
5. Ramp down rate during cooling: -10°C/s (from 260°C to 150°C)
Recommended PCB Layout
Top View
units: inches [mm]
tolerance: X.XX ±0.02 [±0.5]
pin section tolerance: ±0.002[±0.05]
PIN CONNECTIONS
PIN
Function
Single
Dual
1
-Vin
-Vin
2
+Vin
+Vin
3
on/off
on/off
5
NC
NC
6
+Vout
+Vout
7
-Vout
common
8
NC
-Vout
MECHANICAL
parameter
conditions/description
min
typ
max
units
dimensions
0.86 x 0.36 x 0.44 (21.80 x 9.20 x 11.10 mm)
inches
case material
non-conductive black plastic
weight
4.8
g
MECHANICAL DRAWING
NC=no connection
Additional Resources: Product Page | 3D Model | PCB Footprint



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com