Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PDQ2-S Datasheet(PDF) 9 Page - CUI INC

Part # PDQ2-S
Description  DC-DC CONVERTER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PDQ2-S Datasheet(HTML) 9 Page - CUI INC

Back Button PDQ2-S_V01 Datasheet HTML 5Page - CUI INC PDQ2-S_V01 Datasheet HTML 6Page - CUI INC PDQ2-S_V01 Datasheet HTML 7Page - CUI INC PDQ2-S_V01 Datasheet HTML 8Page - CUI INC PDQ2-S_V01 Datasheet HTML 9Page - CUI INC PDQ2-S_V01 Datasheet HTML 10Page - CUI INC PDQ2-S_V01 Datasheet HTML 11Page - CUI INC PDQ2-S_V01 Datasheet HTML 12Page - CUI INC PDQ2-S_V01 Datasheet HTML 13Page - CUI INC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
cui.com
date 07/12/2021
│ page 9 of 10
CUI Inc
│ SERIES: PDQ2-S │ DESCRIPTION: DC-DC CONVERTER
TEST CONFIGURATIONS
Input Ripple Current & Output Noise
Figure 1 Measuring Input Ripple Current
Table 1
L1
12 µH
C1
NC
Cin
33 µF ESR<0.7Ω at 100 kHz
Figure 2 Measuring Output Ripple And Noise
Table 2
C1
NC
C2
NC
EMC RECOMMENDED CIRCUIT
Table 3
Figure 3 Conducted Emissions Test Circuit
EN55022 Class A
Recommended External Circuit Components
Input
Voltage
(Vdc)
C11
C2
L1
5
10 µF / 16 V
NC
2.2 µH
12
2.2 µF / 25 V
NC
12 µH
24
4.7 µF / 50 V
NC
12 µH
48
1 µF / 100 V
NC
68 µH
Table 4
Test Condition
Input Voltage: Nominal
Output Load: Full Load
EN55022 Class B
Recommended External Circuit Components
Input
Voltage
(Vdc)
C11
C2
L1
5
10 µF / 25 V
NC
10 µH
12
2.2 µF / 25 V
NC
33 µH
24
6.8 µF / 50 V
NC
33 µH
48
2.2 µF / 100 V
NC
150 µH
Notes:
1. Ceramic Capacitor
Notes:
1. Ceramic Capacitor
Additional Resources: Product Page | 3D Model | PCB Footprint



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com