Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PRMC1-S Datasheet(PDF) 3 Page - CUI INC

Part # PRMC1-S
Description  DC-DC CONVERTER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PRMC1-S Datasheet(HTML) 3 Page - CUI INC

  PRMC1-S Datasheet HTML 1Page - CUI INC PRMC1-S Datasheet HTML 2Page - CUI INC PRMC1-S Datasheet HTML 3Page - CUI INC PRMC1-S Datasheet HTML 4Page - CUI INC PRMC1-S Datasheet HTML 5Page - CUI INC PRMC1-S Datasheet HTML 6Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
cui.com
CUI Inc
│ SERIES: PRMC1-S │ DESCRIPTION: DC-DC CONVERTER
date 07/07/2021
│ page 3 of 6
SAFETY AND COMPLIANCE
parameter
conditions/description
min
typ
max
units
isolation voltage
input to output for 1 minute at 1 mA max.
3,000
Vdc
isolation resistance
input to output at 500 Vdc
1,000
MΩ
safety approvals
certified to 62368-1: EN
conducted emissions
CISPR22/EN55022, class B (external circuit required, see Figure 1-b)
radiated emissions
CISPR22/EN55022, class B (external circuit required, see Figure 1-b)
ESD
IEC/EN61000-4-2, class B, contact ± 4kV
radiated immunity
IEC/EN61000-4-3, class A, 10V/m
EFT/burst
IEC/EN61000-4-4, class B, ± 2kV (external circuit required, see Figure 1-a)
surge
IEC/EN61000-4-5, class B, ± 2kV (external circuit required, see Figure 1-a)
conducted immunity
IEC/EN61000-4-6, class A, 3 Vr.m.s
voltage dips & interruptions
IEC/EN61000-4-29, class B, 0%-70%
MTBF
as per MIL-HDBK-217F @ 25°C
1,000,000
hours
RoHS
2011/65/EU
ENVIRONMENTAL
parameter
conditions/description
min
typ
max
units
operating temperature
see derating curve
-40
105
°C
storage temperature
-55
125
°C
storage humidity
non-condensing
95
%
temperature rise
at full load, Ta=25°C
25
°C
SOLDERABILITY
parameter
conditions/description
min
typ
max
units
hand soldering
1.5 mm from case for 10 seconds
300
°C
wave soldering
see wave soldering profile
260
°C
MECHANICAL
parameter
conditions/description
min
typ
max
units
dimensions
22.00 x 9.50 x 12.00 (0.866 x 0.374 x 0.472 inch)
mm
case material
plastic (UL94-V0)
weight
4.9
g
MECHANICAL DRAWING
23
56
78
1
23
56
78
1
Front View
Bottom View
Top View
PCB Layout
Grid Size:
2.54mm x 2.54mm
2.54[0.100]
4.10 [0.161]
22.00 [0.866]
0.50[0.020]
17.78 [0.700]
Ø1.00 [0.039]
PIN CONNECTIONS
PIN
Single Output
Dual Output
1
GND
GND
2
Vin
Vin
3
CTRL
CTRL
5
NC
NC
6
+Vo
+Vo
7
0V
0V
8
CS
-Vo
units: mm[inch]
tolerance: ±0.25[±0.010]
pin section tolerance: ±0.10[±0.004]
NC: No Connection
DERATING CURVES
Additional Resources: Product Page | 3D Model | PCB Footprint



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com