Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PRMC1-S Datasheet(PDF) 5 Page - CUI INC

Part # PRMC1-S
Description  DC-DC CONVERTER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PRMC1-S Datasheet(HTML) 5 Page - CUI INC

  PRMC1-S Datasheet HTML 1Page - CUI INC PRMC1-S Datasheet HTML 2Page - CUI INC PRMC1-S Datasheet HTML 3Page - CUI INC PRMC1-S Datasheet HTML 4Page - CUI INC PRMC1-S Datasheet HTML 5Page - CUI INC PRMC1-S Datasheet HTML 6Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
cui.com
CUI Inc
│ SERIES: PRMC1-S │ DESCRIPTION: DC-DC CONVERTER
date 07/07/2021
│ page 5 of 6
1. Output load requirement
To ensure this module can operate efficiently and reliably, the minimum output load may not be less than 5% of the full load during
operation. If the actual output power is low, connect a resistor at the output end in parallel to increase the load.
2. Recommended circuit
This series has been tested according to the following recommended testing circuit before leaving the factory. This series should
be tested under load (see Figure 3 and Table 3). If you want to further decrease the input/output ripple, you can increase the
capacitance accordingly or choose capacitors with low ESR. However, the capacitance of the output filter capacitor must be
appropriate. If the capacitance is too high, a startup problem might arise. For every channel of the output, to ensure safe and reliable
operation, the maximum capacitance must be less than the maximum capacitive load (see Table 4).
3. CTRL Terminal
When open or applied high impedance, the converter will turn on. When it’s pulled high, the converter will shutdown. The input
current should between 5~10mA. Exceeding the maximum 20mA will cause permanent damage to the converter. The value for R can
be derived as follows:
4. Input Current
When it is used in an unregulated condition, make sure that the input fluctuations and ripple voltage do not exceed the module
standard. Refer to Figure 5 and Table 5 for the startup current of this dc-dc module.
Single
Vout
(Vdc)
Max. Capacitive
Load
(μF)
Dual
Vout
(Vdc)
Max. Capacitive
Load1
(μF)
3.3
2700
--
--
5
2200
5
1000
9
1800
--
--
12
1000
12
470
15
680
15
330
24
470
--
--
Table 4
Note:
1. For each output.
APPLICATION NOTES
Figure 3
Figure 5
Table 3
Vin
(Vdc)
Cin1
(µF)
Cin2
(µF)
Lin
(µH)
Cs1
(µF)
Cout
(µF)
Lout2
(µH)
Cd
(nF/V)
5
100
47
4.7~12
10~22
100
2.2~10
47/100
12
100
47
4.7~12
10~22
100
2.2~10
47/100
24
10
1
4.7~12
10~22
100
2.2~10
47/100
48
10
1
4.7~12
10~22
100
2.2~10
47/100
Note:
1. For single output only
2. For dual output only
300
0
.
1 −
−
−
=
C
D
C
I
V
V
R
Note:
1. Minimum load shouldn't be less than 5%, otherwise ripple may increase dramatically. Operation under minimum load will not damage the converter, however, they may
not meet all specifications listed.
2. Maximum capacitive load is tested at input voltage range and full load.
3. All specifications are measured at Ta=25°C, humidity<75%, nominal input voltage and rated output load unless otherwise specified.
Vin
(Vdc)
Ip
(mA)
5
450
12
220
24
110
48
55
Table 5
V
c: Control pin input voltage
V
D: Forward voltage drop of diode D1
I
C: Input current to control pin
R: Resistor of control circuit
Figure 4
Single output
Dual output
Additional Resources: Product Page | 3D Model | PCB Footprint



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com