Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PRMC1-S Datasheet(PDF) 4 Page - CUI INC

Part # PRMC1-S
Description  DC-DC CONVERTER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PRMC1-S Datasheet(HTML) 4 Page - CUI INC

  PRMC1-S Datasheet HTML 1Page - CUI INC PRMC1-S Datasheet HTML 2Page - CUI INC PRMC1-S Datasheet HTML 3Page - CUI INC PRMC1-S Datasheet HTML 4Page - CUI INC PRMC1-S Datasheet HTML 5Page - CUI INC PRMC1-S Datasheet HTML 6Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
cui.com
CUI Inc
│ SERIES: PRMC1-S │ DESCRIPTION: DC-DC CONVERTER
date 07/07/2021
│ page 4 of 6
Recommended external circuit components
Vin (Vdc)
5
12
24
48
FUSE
choose according to practical input current
MOV
--
--
S14K35
S14K60
LDM1
--
--
56μH
56μH
TVS
SMCJ13A
SMCJ28A
SMCJ48A
SMCJ90A
C0
680μF/16V
680μF/25V
330μF/50V
330μF/100V
C1
4.7μF/50V
4.7μF/50V
4.7μF/50V
4.7μF/100V
LDM2
12μH
12μH
12μH
12μH
C2
4.7μF/50V
4.7μF/50V
4.7μF/50V
4.7μF/100V
CY
1nF/3kV
1nF/3kV
1nF/3kV
1nF/3kV
D1
RB160M-60/1A RB160M-60/1A RB160M-60/1A RB160M-60/1A
R
Follows:aaaaa
aaaaaaaaaaaa
aaaaa
aaaaaaaaaaaa
Cd
47nF/100V
47nF/100V
47nF/100V
47nF/100V
EMC RECOMMENDED CIRCUIT
DERATING CURVES
300
0
.
1 −
−
−
=
C
D
C
I
V
V
R
Figure 1
TEST CONFIGURATION
Note: Input reflected-ripple current is measured with an inductor Lin and Capacitor Cin to simulate source impedance.
External components
Lin
4.7μH
Cin
220μF, ESR < 1.0Ω
at 100 KHz
Table 1
Figure 2
Table 2
Note: Figure 1-c is on/off control circuit. See page 6 for details.
Additional Resources: Product Page | 3D Model | PCB Footprint



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com