Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PRME1-M Datasheet(PDF) 2 Page - CUI INC

Part # PRME1-M
Description  DC-DC CONVERTER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PRME1-M Datasheet(HTML) 2 Page - CUI INC

  PRME1-M Datasheet HTML 1Page - CUI INC PRME1-M Datasheet HTML 2Page - CUI INC PRME1-M Datasheet HTML 3Page - CUI INC PRME1-M Datasheet HTML 4Page - CUI INC PRME1-M Datasheet HTML 5Page - CUI INC PRME1-M Datasheet HTML 6Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
cui.com
date 09/13/2021
│ page 2 of 6
CUI Inc
│ SERIES: PRME1-M │ DESCRIPTION: DC-DC CONVERTER
INPUT
parameter
conditions/description
min
typ
max
units
operating input voltage
12 Vdc input models
15 Vdc input models
24 Vdc input models
11.4
14.25
22.8
12
15
24
12.6
15.75
25.2
Vdc
Vdc
Vdc
current3
12 Vdc input models
5 Vdc output model
all other output models
121/8
117/8
128/-
124/-
mA
mA
15 Vdc input models
99/8
105/-
mA
24 Vdc input models
5 Vdc output model
all other output models
60/4
59/4
66/-
64/-
mA
mA
filter
filter capacitor
Note:
3. full load/no load
OUTPUT
parameter
conditions/description
min
typ
max
units
maximum capacitive load
5 Vdc output models
12 Vdc output models
15 Vdc output models
2,400
560
220
μF
μF
μF
voltage accuracy
at full load
±3
%
line regulation
for Vin change of ±1%
±0.25
%
load regulation
from 10% to full load
±2
%
switching frequency
100% load, nominal input voltage
260
kHz
temperature coefficient
at full load
±0.02
%/°C
PROTECTIONS
parameter
conditions/description
min
typ
max
units
short circuit protection
continuous, auto recovery
SAFETY AND COMPLIANCE
parameter
conditions/description
min
typ
max
units
isolation voltage
input to output for 1 minute at 1 mA
3,000
Vdc
isolation resistance
input to output at 500 Vdc
1,000
MΩ
isolation capacitance
input to output, 100 kHz / 0.1 V
20
pF
safety approvals
certified to 62368: EN, IEC
conducted emissions
CISPR32/EN55032 CLASS B
radiated emissions
CISPR32/EN55032 CLASS B
ESD
IEC/EN61000-4-2 Air ±8kV, Contact ±6kV
MTBF
as per MIL-HDBK-217F, 25°C
3,500,000
hours
RoHS
yes
ENVIRONMENTAL
parameter
conditions/description
min
typ
max
units
operating temperature
see derating curve
-40
85
°C
storage temperature
-55
125
°C
storage humidity
non-condensing
5
95
%
case temperature rise
at 25°C
25
°C
SOLDERABILITY
parameter
conditions/description
min
typ
max
units
reflow soldering
for actual application, refer to IPC/JEDEC J-STD-020D.1
245
°C
Additional Resources: Product Page | 3D Model | PCB Footprint



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com