Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PRME1-M Datasheet(PDF) 1 Page - CUI INC

Part # PRME1-M
Description  DC-DC CONVERTER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PRME1-M Datasheet(HTML) 1 Page - CUI INC

  PRME1-M Datasheet HTML 1Page - CUI INC PRME1-M Datasheet HTML 2Page - CUI INC PRME1-M Datasheet HTML 3Page - CUI INC PRME1-M Datasheet HTML 4Page - CUI INC PRME1-M Datasheet HTML 5Page - CUI INC PRME1-M Datasheet HTML 6Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
cui.com
date 09/13/2021
page 1 of 6
SERIES: PRME1-M
│ DESCRIPTION: DC-DC CONVERTER
FEATURES
• 1 W isolated output
• single regulated output
• 3,000 Vdc isolation
• continuous short-circuit protection
• wide operating temperature range -40~85°C
• efficiency up to 71%
• EN 62368-1
MODEL
input
voltage
output
voltage
output
current
output
power
ripple
& noise1
efficiency
typ
(Vdc)
range
(Vdc)
(Vdc)
min
(mA)
max
(mA)
max
(W)
max
(mVp-p)
typ
(%)
PRME1-S12-S5-M
12
11.4~12.6
5
20
200
1
100
69
PRME1-S12-S12-M
12
11.4~12.6
12
9
84
1
100
71
PRME1-S12-S15-M
12
11.4~12.6
15
7
67
1
100
71
PRME1-S15-S5-M3
15
14.25~15.75
5
20
200
1
100
68
PRME1-S24-S5-M
24
22.8~25.2
5
20
200
1
100
69
PRME1-S24-S12-M
24
22.8~25.2
12
9
84
1
100
71
PRME1-S24-S15-M
24
22.8~25.2
15
7
67
1
100
71
Notes:
1. Measured at nominal input, 20 MHz bandwidth using the “parallel cable”. (see Application circuit).
2. All specifications are measured at Ta=25°C, humidity < 75%, nominal input voltage, and rated output load unless otherwise specified.
3. Model is not CE certified.
PART NUMBER KEY
Base Number
PRME1- S XX - S XX - M
Input Voltage
Output Voltage Mounting Style:
SMT
Output:
S = single
Additional Resources: Product Page | 3D Model | PCB Footprint


Similar Part No. - PRME1-M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PRME15002 ETC1-PRME15002 Datasheet
688Kb / 9P
DIP 14 SERIES REED RELAYS
logo
CP Clare Corporation
PRME15002 CPCLARE-PRME15002 Datasheet
87Kb / 6P
DIP 14 SERIES REED RELAYS
logo
List of Unclassifed Man...
PRME15003 ETC1-PRME15003 Datasheet
688Kb / 9P
DIP 14 SERIES REED RELAYS
logo
CP Clare Corporation
PRME15003 CPCLARE-PRME15003 Datasheet
87Kb / 6P
DIP 14 SERIES REED RELAYS
logo
List of Unclassifed Man...
PRME15005 ETC1-PRME15005 Datasheet
688Kb / 9P
DIP 14 SERIES REED RELAYS
More results

Similar Description - PRME1-M

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM5G02TU TOSHIBA-SSM5G02TU Datasheet
191Kb / 10P
DC-DC Converter
SSM5H03TU TOSHIBA-SSM5H03TU Datasheet
192Kb / 10P
DC-DC Converter
logo
CUI INC
VABD3 CUI-VABD3 Datasheet
284Kb / 3P
DC/DC converter
VASD1-SIP CUI-VASD1-SIP Datasheet
284Kb / 3P
DC/DC converter
VASD2-SIP CUI-VASD2-SIP Datasheet
173Kb / 3P
DC/DC converter
VAWQ6 CUI-VAWQ6 Datasheet
209Kb / 3P
DC/DC converter
VBD20 CUI-VBD20 Datasheet
241Kb / 3P
DC/DC converter
VRB3-DIP CUI-VRB3-DIP Datasheet
95Kb / 3P
Dc-Dc Converter
VSCQ30 CUI-VSCQ30 Datasheet
234Kb / 3P
DC/DC converter
VWQBS2-SIP CUI-VWQBS2-SIP Datasheet
175Kb / 3P
DC-DC Converter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com