Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PRME1-M Datasheet(PDF) 5 Page - CUI INC

Part # PRME1-M
Description  DC-DC CONVERTER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PRME1-M Datasheet(HTML) 5 Page - CUI INC

  PRME1-M Datasheet HTML 1Page - CUI INC PRME1-M Datasheet HTML 2Page - CUI INC PRME1-M Datasheet HTML 3Page - CUI INC PRME1-M Datasheet HTML 4Page - CUI INC PRME1-M Datasheet HTML 5Page - CUI INC PRME1-M Datasheet HTML 6Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
cui.com
date 09/13/2021
│ page 5 of 6
CUI Inc
│ SERIES: PRME1-M │ DESCRIPTION: DC-DC CONVERTER
APPLICATION CIRCUIT
EMC RECOMMENDED CIRCUIT
Table 3
If you want to further reduce the input and output ripple, a filter capacitor may be connected to the input and output
terminals (Figure 1) provided that the capacitance is less than the maximum capacitive load of the model, otherwise start-
up problems may be caused if the capacitance is too large.
Recommended External Circuit Components
C1, C2
4.7 µF / 25 V
CY
270 pF / 3,000 Vdc
C3
refer to the Cout in Table 1
LDM
6.8 μH
Figure 1
Table 1
Vin
(Vdc)
Cin
(μF)
Vo
(Vdc)
Cout
(μF)
12
2.2
5
10
15
1
12
2.2
24
1
15
0.47
Figure 2
Additional Resources: Product Page | 3D Model | PCB Footprint



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com