Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LT8640AJUDCMPBF Datasheet(PDF) 7 Page - Analog Devices

Part # LT8640AJUDCMPBF
Description  42V, 5A/8A Peak Synchronous Step-Down Silent Switcher with 2.5關A Quiescent Current
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8640AJUDCMPBF Datasheet(HTML) 7 Page - Analog Devices

Back Button LT8640AJUDCMPBF Datasheet HTML 3Page - Analog Devices LT8640AJUDCMPBF Datasheet HTML 4Page - Analog Devices LT8640AJUDCMPBF Datasheet HTML 5Page - Analog Devices LT8640AJUDCMPBF Datasheet HTML 6Page - Analog Devices LT8640AJUDCMPBF Datasheet HTML 7Page - Analog Devices LT8640AJUDCMPBF Datasheet HTML 8Page - Analog Devices LT8640AJUDCMPBF Datasheet HTML 9Page - Analog Devices LT8640AJUDCMPBF Datasheet HTML 10Page - Analog Devices LT8640AJUDCMPBF Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
LT8640A
7
Rev. 0
For more information www.analog.com
Minimum On-Time
TYPICAL PERFORMANCE CHARACTERISTICS
Dropout Voltage
Switching Frequency
Burst Frequency
Soft-Start Tracking
Soft-Start Current
PG Thresholds Above VREF
PG Thresholds Below VREF
ILOAD = 2A
VSYNC = FLOAT
VSYNC = 0V
TEMPERATURE (°C)
–50 –25
0
25
50
75
100 125
25
28
31
34
37
40
43
8640a G19
LOAD CURRENT (A)
0
400
5
4.5
4
8640a G20
200
0
1
2
3
0.5
1.5
2.5
3.5
600
300
500
100
VIN = 5V
VOUT SET TO REGULATE AT 5V
L = IHLP3232DZ-01, 1µH
TEMPERATURE (°C)
–50
730
25
8640a G21
700
680
–25
0
50
670
660
740
RT = 60.4k
720
710
690
75 100
150
125
LOAD CURRENT (mA)
0
0
200
400
600
800
1000
1200
100
200
300
400
8640a G22
FRONT PAGE APPLICATION
VIN = 12V
VOUT = 5V
TR/SS VOLTAGE (V)
0
0.8
1.0
1.2
0.6
1.0
8640a G23
0.6
0.4
0.2
0.4
0.8
1.2
1.4
0.2
0
TEMPERATURE (°C)
–50
1.8
2.0
150
8640a G24
1.6
1.4
0
50
100
–25
25
75
125
2.2
1.7
1.9
1.5
2.1
VSS = 0.5V
TEMPERATURE (°C)
–50
6.0
6.5
7.5
8.0
8.5
10.0
9.5
0
50
75 100
8640a G25
7.0
9.0
–25
25
150
125
FB FALLING
FB RISING
TEMPERATURE (°C)
–50
–10.0
–9.5
–8.5
–8.0
–6.0
–7.5
0
50
75 100 125
8640a G26
–9.0
–7.0
–6.5
–25
25
150
FB FALLING
FB RISING
SWITCHING FREQUENCY (MHz)
0.2
150
200
250
1.8
8640a G27
100
50
125
175
225
75
25
0
0.6
1
1.4
2.2
2.6
3
RT Programmed Switching
Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com