Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LT8640AJUDCMPBF Datasheet(PDF) 1 Page - Analog Devices

Part # LT8640AJUDCMPBF
Description  42V, 5A/8A Peak Synchronous Step-Down Silent Switcher with 2.5關A Quiescent Current
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8640AJUDCMPBF Datasheet(HTML) 1 Page - Analog Devices

  LT8640AJUDCMPBF Datasheet HTML 1Page - Analog Devices LT8640AJUDCMPBF Datasheet HTML 2Page - Analog Devices LT8640AJUDCMPBF Datasheet HTML 3Page - Analog Devices LT8640AJUDCMPBF Datasheet HTML 4Page - Analog Devices LT8640AJUDCMPBF Datasheet HTML 5Page - Analog Devices LT8640AJUDCMPBF Datasheet HTML 6Page - Analog Devices LT8640AJUDCMPBF Datasheet HTML 7Page - Analog Devices LT8640AJUDCMPBF Datasheet HTML 8Page - Analog Devices LT8640AJUDCMPBF Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
LT8640A
1
Rev. 0
For more information www.analog.com
Document Feedback
TYPICAL APPLICATION
FEATURES
DESCRIPTION
42V, 5A/8A Peak Synchronous Step-Down
Silent Switcher with 2.5µA Quiescent Current
The LT®8640A step-down regulator features Silent
Switcher architecture designed to minimize EMI emis-
sions while delivering high efficiency at frequencies up
to 3MHz. An ultralow 2.5µA quiescent current—with the
output in full regulation—enables applications requiring
highest efficiency at very small load currents.
The LT8640A allows high VIN to low VOUT conversion at
high frequency with a fast minimum top switch on-time
of 30ns. The SYNC/MODE pin selects between Burst
Mode operation, spread spectrum mode, synchroniza-
tion to an external clock, and forced continuous mode.
PACKAGE
SYNC/
MODE ≠ 0 VC COMP
150°C
GRADE
INTERNAL
CAPS
OUTPUT
(PEAK)
LT8640A
QFN
FCM
Internal
Yes
No
5A (8A)
LT8640
QFN
Pulse-
Skipping Internal
Yes
No
5A (7A)
LT8640-1
QFN
FCM
Internal
Yes
No
5A (7A)
LT8640S
LQFN
FCM
Internal
No
Yes
6A (7A)
LT8643S
LQFN
FCM
External
No
Yes
6A (7A)
LT8640S-2
LQFN
FCM
Internal
Yes
No
6A (7A)
LT8643S-2
LQFN
FCM
External
Yes
No
6A (7A)
5V 5A Step-Down Converter
12VIN to 5VOUT Efficiency
APPLICATIONS
n
Silent Switcher® Architecture
n
Ultralow EMI Emissions
n
Spread Spectrum Frequency Modulation
n
High Efficiency at High Frequency
n
Up to 96% Efficiency at 1MHz, 12VIN to 5VOUT
n
Up to 95% Efficiency at 2MHz, 12VIN to 5VOUT
n
Wide Input Voltage Range: 3.4V to 42V
n
5A Maximum Continuous, 8A Peak Transient Output
n
Ultralow Quiescent Current Burst Mode® Operation
n
2.5µA IQ Regulating 12VIN to 3.3VOUT
n
Output Ripple < 10mVP-P
n
Fast Minimum Switch On-Time: 30ns
n
Low Dropout Under All Conditions: 100mV at 1A
n
Available in Fixed 3.3V Output
n
Forced Continuous Mode
n
Safely Tolerates High Reverse Current
n
Adjustable and Synchronizable: 200kHz to 3MHz
n
Peak Current Mode Operation
n
Output Soft-Start and Tracking
n
Small 18-Lead 3mm × 4mm Side Solderable QFN with
Improved Solder Joint Reliability
n
AEC-Q100 Qualified for Automotive Applications
n
Automotive and Industrial Supplies
n
General Purpose Step-Down
All registered trademarks and trademarks are the property of their respective owners. Protected
by U.S. patents, including 8823345.
VIN2
VIN1
EN/UV
PG
LT8640A
8640a TA01a
BST
SYNC/MODE
SW
TR/SS
BIAS
INTVCC
FB
RT
GND
1µF
0.1µF
10pF
100µF
1M
VOUT
5V
5A
1µF
4.7µF
VIN
5.5V TO 42V
10nF
41.2k
1µF
3.3µH
243k
GND2
GND1
fSW = 1MHz
EFFICIENCY
POWER LOSS
1MHz, L = 3.3µH
2MHz, L = 2.2µH
3MHz, L = 1µH
LOAD CURRENT (A)
0.5 1 1.5 2 2.5 3 3.5 4 4.5 5
60
65
70
75
80
85
90
95
100
0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.2
8640a TA01b


Similar Part No. - LT8640AJUDCMPBF

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LT8640A AD-LT8640A Datasheet
860Kb / 35P
65V, 3.5A/5A Peak Synchronous Step-Down Silent Switcher with 2.5μA Quiescent Current
Rev 0
LT8640A AD-LT8640A Datasheet
1Mb / 31P
42V, 3.5A Synchronous Step-down Regulator with 2.5μA Quiescent Current
Rev 0
LT8640A AD-LT8640A Datasheet
3Mb / 32P
42V, 6A Synchronous Step-Down Silent Switcher 2 with 2.5μA Quiescent Current
Rev. D
LT8640A AD-LT8640A Datasheet
1Mb / 44P
42V, 1A/2.5A Step-Down Silent Switcher 3 with Ultra-Low Noise Reference
Rev. 0
More results

Similar Description - LT8640AJUDCMPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT8614 LINER-LT8614_15 Datasheet
511Kb / 24P
42V, 4A Synchronous Step-Down Silent Switcher with 2.5A Quiescent Current
LT8640 LINER-LT8640_15 Datasheet
751Kb / 26P
42V, 5A Synchronous Step-Down Silent Switcher with 2.5A Quiescent Current
LT8640 LINER-LT8640 Datasheet
295Kb / 6P
42V, 5A Micropower Synchronous Step-Down Silent Switcher
LT8650S LINER-LT8650S Datasheet
394Kb / 6P
Dual Channel 42V, 4A Synchronous Step-Down Silent Switcher with 6.2關A Quiescent Current
LT8641 LINER-LT8641 Datasheet
3Mb / 26P
65V, 3.5A Synchronous Step-Down Silent Switcher with 2.5關A Quiescent Current
LT8645S LINER-LT8645S Datasheet
453Kb / 30P
65V, 8A Synchronous Step-Down Silent Switcher 2 with 2.5關A Quiescent Current
logo
Analog Devices
LT8653S AD-LT8653S Datasheet
2Mb / 30P
Dual Channel 2A, 42V, Synchronous Step-Down Silent Switcher 2 with 6.2關A Quiescent Current
LT8636 AD-LT8636 Datasheet
2Mb / 32P
42V, 5A/7A Peak Synchronous Step-Down Silent Switcher with 2.5關A Quiescent Current
12/20-REV.C
LT8645S-2 AD-LT8645S-2 Datasheet
3Mb / 30P
65V, 8A Synchronous Step-Down Silent Switcher with 2.5μA Quiescent Current
Rev. A
LT8641A AD-LT8641A Datasheet
860Kb / 35P
65V, 3.5A/5A Peak Synchronous Step-Down Silent Switcher with 2.5μA Quiescent Current
Rev 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com