Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LT8640AJUDCMPBF Datasheet(PDF) 10 Page - Analog Devices

Part # LT8640AJUDCMPBF
Description  42V, 5A/8A Peak Synchronous Step-Down Silent Switcher with 2.5關A Quiescent Current
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8640AJUDCMPBF Datasheet(HTML) 10 Page - Analog Devices

Back Button LT8640AJUDCMPBF Datasheet HTML 6Page - Analog Devices LT8640AJUDCMPBF Datasheet HTML 7Page - Analog Devices LT8640AJUDCMPBF Datasheet HTML 8Page - Analog Devices LT8640AJUDCMPBF Datasheet HTML 9Page - Analog Devices LT8640AJUDCMPBF Datasheet HTML 10Page - Analog Devices LT8640AJUDCMPBF Datasheet HTML 11Page - Analog Devices LT8640AJUDCMPBF Datasheet HTML 12Page - Analog Devices LT8640AJUDCMPBF Datasheet HTML 13Page - Analog Devices LT8640AJUDCMPBF Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
LT8640A
10
Rev. 0
For more information www.analog.com
Radiated EMI Performance (CISPR25 Radiated
Emission Test with Class 5 Peak Limits)
TYPICAL PERFORMANCE CHARACTERISTICS
VERTICAL POLARIZATION
PEAK DETECTOR
CLASS 5 PEAK LIMIT
SPREAD SPECTRUM MODE
FIXED FREQUENCY MODE
FREQUENCY (MHz)
0
100
200
300
400
500
600
700
800
900
1000
0
5
10
15
20
25
30
35
40
45
50
8640a G42a
DC3099A DEMO BOARD
(WITH EMI FILTER INSTALLED)
12V INPUT TO 5V OUTPUT AT 5A, fSW = 2MHz
HORIZONTAL POLARIZATION
PEAK DETECTOR
CLASS 5 PEAK LIMIT
SPREAD SPECTRUM MODE
FIXED FREQUENCY MODE
FREQUENCY (MHz)
0
100
200
300
400
500
600
700
800
900
1000
0
5
10
15
20
25
30
35
40
45
50
8640a G42b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com