Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC5602CFMLH4R Datasheet(PDF) 29 Page - NXP Semiconductors

Part # MPC5602CFMLH4R
Description  Single issue, 32-bit CPU core complex (e200z0)
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC5602CFMLH4R Datasheet(HTML) 29 Page - NXP Semiconductors

Back Button MPC5602CFMLH4R Datasheet HTML 25Page - NXP Semiconductors MPC5602CFMLH4R Datasheet HTML 26Page - NXP Semiconductors MPC5602CFMLH4R Datasheet HTML 27Page - NXP Semiconductors MPC5602CFMLH4R Datasheet HTML 28Page - NXP Semiconductors MPC5602CFMLH4R Datasheet HTML 29Page - NXP Semiconductors MPC5602CFMLH4R Datasheet HTML 30Page - NXP Semiconductors MPC5602CFMLH4R Datasheet HTML 31Page - NXP Semiconductors MPC5602CFMLH4R Datasheet HTML 32Page - NXP Semiconductors MPC5602CFMLH4R Datasheet HTML 33Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 109 page
background image
Package pinouts and signal descriptions
MPC5604B/C Microcontroller Data Sheet, Rev. 15
NXP Semiconductors
29
2.7
Nexus 2+ pins
In the 208 MAPBGA package, eight additional debug pins are available (see Table 6).
1 Alternate functions are chosen by setting the values of the PCR.PA bitfields inside the SIUL module.
PCR.PA = 00
→ AF0; PCR.PA = 01 → AF1; PCR.PA = 10 → AF2; PCR.PA = 11 → AF3. This is intended to select
the output functions; to use one of the input functions, the PCR.IBE bit must be written to ‘1’, regardless of the
values selected in the PCR.PA bitfields. For this reason, the value corresponding to an input only function is
reported as “—”.
2 Multiple inputs are routed to all respective modules internally. The input of some modules must be configured by
setting the values of the PSMIO.PADSELx bitfields inside the SIUL module.
3 208 MAPBGA available only as development package for Nexus2+
4 All WKPU pins also support external interrupt capability. See wakeup unit chapter for further details.
5 NMI has higher priority than alternate function. When NMI is selected, the PCR.AF field is ignored.
6 “Not applicable” because these functions are available only while the device is booting. Refer to BAM chapter of the
reference manual for details.
7 Value of PCR.IBE bit must be 0
8 Be aware that this pad is used on the MPC5607B 100-pin and 144-pin to provide VDD_HV_ADC and
VSS_HV_ADC1. Therefore, you should be careful in ensuring compatibility between MPC5604B/C and
MPC5607B.
9 Out of reset all the functional pins except PC[0:1] and PH[9:10] are available to the user as GPIO.
PC[0:1] are available as JTAG pins (TDI and TDO respectively).
PH[9:10] are available as JTAG pins (TCK and TMS respectively).
If the user configures these JTAG pins in GPIO mode the device is no longer compliant with IEEE 1149.1-2001.
10 The TDO pad has been moved into the STANDBY domain in order to allow low-power debug handshaking in
STANDBY mode. However, no pull-resistor is active on the TDO pad while in STANDBY mode. At this time the pad
is configured as an input. When no debugger is connected the TDO pad is floating causing additional current
consumption. To avoid the extra consumption TDO must be connected. An external pull-up resistor in the range of
47–100 k
Ω should be added between the TDO pin and VDD_HV. Only in case the TDO pin is used as application
pin and a pull-up cannot be used then a pull-down resistor with the same value should be used between TDO pin
and GND instead.
11 Available only on MPC560xC versions, MPC5603B 64 LQFP, MPC5604B 64 LQFP and MPC5604B 208 MAPBGA
devices
12 Not available on MPC5602B devices
13 Not available in 100 LQFP package
14 Available only on MPC5604B 208 MAPBGA devices
15 Not available on MPC5603B 144-pin devices
Table 6. Nexus 2+ pin descriptions
Debug pin
Function
I/O
direction
Pad type
Function
after reset
Pin number
100
LQFP
144
LQFP
208 MAP
BGA
MCKO
Message clock out
O
F
—
—
—
T4
MDO0
Message data out 0
O
M
—
—
—
H15
MDO1
Message data out 1
O
M
—
—
—
H16
MDO2
Message data out 2
O
M
—
—
—
H14
MDO3
Message data out 3
O
M
—
—
—
H13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com