Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC5602CFMLH4R Datasheet(PDF) 4 Page - NXP Semiconductors

Part # MPC5602CFMLH4R
Description  Single issue, 32-bit CPU core complex (e200z0)
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC5602CFMLH4R Datasheet(HTML) 4 Page - NXP Semiconductors

  MPC5602CFMLH4R Datasheet HTML 1Page - NXP Semiconductors MPC5602CFMLH4R Datasheet HTML 2Page - NXP Semiconductors MPC5602CFMLH4R Datasheet HTML 3Page - NXP Semiconductors MPC5602CFMLH4R Datasheet HTML 4Page - NXP Semiconductors MPC5602CFMLH4R Datasheet HTML 5Page - NXP Semiconductors MPC5602CFMLH4R Datasheet HTML 6Page - NXP Semiconductors MPC5602CFMLH4R Datasheet HTML 7Page - NXP Semiconductors MPC5602CFMLH4R Datasheet HTML 8Page - NXP Semiconductors MPC5602CFMLH4R Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 109 page
background image
• PWM +
IC/OC4
10 ch
20 ch
40 ch
10 ch
20 ch
10 ch
20 ch
40 ch
10 ch
20 ch
10 ch
20 ch
40 ch
10 ch
20 ch
40 ch
•IC/OC4
—
3 ch
6ch
—
3ch
—
3ch
6 ch
—
3 ch
—
3 ch
6ch
—
3ch
6 ch
SCI (LINFlex)
35
4
SPI (DSPI)
2
3
2
3
2
3
2
3
2
3
2
3
CAN
(FlexCAN)
26
56
37
56
37
56
I2C
1
32 kHz
oscillator
Yes
GPIO8
45
79
123
45
79
45
79
123
45
79
45
79
123
45
79
123
Debug
JTAG
Nexus2+
Package
64
LQFP
100
LQFP
144
LQFP
64
LQFP
100
LQFP
64
LQFP
100
LQFP
144
LQFP
64
LQFP
100
LQFP
64
LQFP
100
LQFP
144
LQFP
64
LQFP
100
LQFP
208
MAPBGA9
1 Feature set dependent on selected peripheral multiplexing—table shows example implementation.
2 Based on 125 °C ambient operating temperature.
3 See the eMIOS section of the device reference manual for information on the channel configuration and functions.
4 IC – Input Capture; OC – Output Compare; PWM – Pulse Width Modulation; MC – Modulus counter.
5 SCI0, SCI1 and SCI2 are available. SCI3 is not available.
6 CAN0, CAN1 are available. CAN2, CAN3, CAN4 and CAN5 are not available.
7 CAN0, CAN3 and either CAN1 or CAN4 are available. CAN2, CAN5 and CAN6 are not available
8 I/O count based on multiplexing with peripherals.
9 208 MAPBGA available only as development package for Nexus2+.
Table 1. MPC5604B/C device comparison1 (continued)
Feature
Device
MPC56
02BxLH
MPC56
02BxLL
MPC56
02BxLQ
MPC56
02CxLH
MPC56
02CxLL
MPC56
03BxLH
MPC56
03BxLL
MPC56
03BxLQ
MPC56
03CxLH
MPC56
03CxLL
MPC56
04BxLH
MPC56
04BxLL
MPC56
04BxLQ
MPC56
04CxLH
MPC56
04CxLL
MPC5604
BxMG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com