Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC5602CFMLH4R Datasheet(PDF) 60 Page - NXP Semiconductors

Part # MPC5602CFMLH4R
Description  Single issue, 32-bit CPU core complex (e200z0)
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC5602CFMLH4R Datasheet(HTML) 60 Page - NXP Semiconductors

Back Button MPC5602CFMLH4R Datasheet HTML 56Page - NXP Semiconductors MPC5602CFMLH4R Datasheet HTML 57Page - NXP Semiconductors MPC5602CFMLH4R Datasheet HTML 58Page - NXP Semiconductors MPC5602CFMLH4R Datasheet HTML 59Page - NXP Semiconductors MPC5602CFMLH4R Datasheet HTML 60Page - NXP Semiconductors MPC5602CFMLH4R Datasheet HTML 61Page - NXP Semiconductors MPC5602CFMLH4R Datasheet HTML 62Page - NXP Semiconductors MPC5602CFMLH4R Datasheet HTML 63Page - NXP Semiconductors MPC5602CFMLH4R Datasheet HTML 64Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 109 page
background image
MPC5604B/C Microcontroller Data Sheet, Rev. 15
Package pinouts and signal descriptions
NXP Semiconductors
60
ECC circuitry provides correction of single bit faults and is used to improve further automotive reliability
results. Some units will experience single bit corrections throughout the life of the product with no impact
to product reliability.
2.19.2
Flash power supply DC characteristics
Table 31 shows the power supply DC characteristics on external supply.
Table 29. Flash module life
Symbol
C
Parameter
Conditions
Value
Unit
Min
Typ
Max
P/E
CC C Number of program/erase cycles
per block over the operating
temperature range (TJ)
16 KB blocks
100,000
—
—
cycles
32 KB blocks
10,000 100,000
—
128 KB blocks
1,000
100,000
—
Retention CC C Minimum data retention at 85 °C
average ambient temperature1
1 Ambient temperature averaged over duration of application, not to exceed recommended product operating
temperature range.
Blocks with
0–1,000 P/E cycles
20
—
—
years
Blocks with
1,001–10,000 P/E cycles
10
—
—
Blocks with
10,001–100,000 P/E cycles
5—
—
Table 30. Flash read access timing
Symbol
C
Parameter
Conditions1
1 V
DD = 3.3 V ± 10% / 5.0 V ± 10%, TA = −40 to 125 °C, unless otherwise specified
Max
Unit
fREAD
CC
P Maximum frequency for Flash reading
2 wait states
64
MHz
C
1 wait state
40
C
0 wait states
20
Table 31. Flash memory power supply DC electrical characteristics
Symbol
C
Parameter
Conditions1
Value
Unit
Min
Typ
Max
IFREAD
2 CC D Sum of the current consumption on
VDD_HV and VDD_BV on read access
Code flash memory module read
fCPU = 64 MHz
3
—15
33
mA
Data flash memory module read
fCPU = 64 MHz
3
—15
33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com