Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC5644BCAMLU1R Datasheet(PDF) 44 Page - NXP Semiconductors

Part # MPC5644BCAMLU1R
Description  MPC5646C Microcontroller Datasheet
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC5644BCAMLU1R Datasheet(HTML) 44 Page - NXP Semiconductors

Back Button MPC5644BCAMLU1R Datasheet HTML 40Page - NXP Semiconductors MPC5644BCAMLU1R Datasheet HTML 41Page - NXP Semiconductors MPC5644BCAMLU1R Datasheet HTML 42Page - NXP Semiconductors MPC5644BCAMLU1R Datasheet HTML 43Page - NXP Semiconductors MPC5644BCAMLU1R Datasheet HTML 44Page - NXP Semiconductors MPC5644BCAMLU1R Datasheet HTML 45Page - NXP Semiconductors MPC5644BCAMLU1R Datasheet HTML 46Page - NXP Semiconductors MPC5644BCAMLU1R Datasheet HTML 47Page - NXP Semiconductors MPC5644BCAMLU1R Datasheet HTML 48Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 116 page
background image
MPC5646C Microcontroller DataSheet, Rev. 7
Electrical Characteristics
NXP Semiconductors
44
4.5
Thermal characteristics
4.5.1
Package thermal characteristics
4.5.2
Power considerations
The average chip-junction temperature, TJ, in degrees Celsius, may be calculated using Equation 1:
TJ = TA + (PD × RθJA)
Eqn. 1
Where:
TA is the ambient temperature in °C.
RθJA is the package junction-to-ambient thermal resistance, in °C/W.
PD is the sum of PINT and PI/O (PD =PINT + PI/O).
PINT is the product of IDD and VDD, expressed in watts. This is the chip internal power.
PI/O represents the power dissipation on input and output pins; user determined.
Table 11. LQFP thermal characteristics1
1 Thermal characteristics are targets based on simulation that are subject to change per device characterization.
Symbol
C
Parameter
Conditions2
2 V
DD = 3.3 V ± 10% / 5.0 V ± 10%, TA = −40 to 125 °C.
Pin count
Value3
3 All values need to be confirmed during device validation.
Unit
Min
Typ
Max
RθJA
CC
D
Thermal resistance,
junction-to-ambient
natural convection4
4 Junction temperature is a function of die size, on-chip power dissipation, package thermal resistance, mounting site
(board) temperature, ambient temperature, air flow, power dissipation of other components on the board, and board
thermal resistance.
Single-layer
board—1s
176
—
—
385
5 Junction-to-Ambient thermal resistance determined per JEDEC JESD51-3 and JESD51-6.
°C/W
208
—
—
416
6 Junction-to-Ambient thermal resistance determined per JEDEC JESD51-2 and JESD51-6
°C/W
RθJA
CC
D
Thermal resistance,
junction-to-ambient
natural convection7
Four-layer
board—2s2p7
7 Junction-to-Board thermal resistance determined per JEDEC JESD51-8.
176
—
—
31
°C/W
208
—
—
34
°C/W
Table 12. 256 MAPBGA thermal characteristics1
1 Thermal characteristics are targets based on simulation that are subject to change per device characterization.
Symbol
C
Parameter
Conditions
Value
Unit
RθJA CC — Thermal resistance, junction-to-ambient
natural convection
Single-layer board—1s
432
2 Junction-to-ambient thermal resistance determined per JEDEC JESD51-2 with the single layer board horizontal.
Board meets JESD51-9 specification.
°C/W
Four-layer board—2s2p
263
3 Junction-to-ambient thermal resistance determined per JEDEC JESD51-6 with the board horizontal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com