Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC5644BCAMLU1R Datasheet(PDF) 82 Page - NXP Semiconductors

Part # MPC5644BCAMLU1R
Description  MPC5646C Microcontroller Datasheet
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC5644BCAMLU1R Datasheet(HTML) 82 Page - NXP Semiconductors

Back Button MPC5644BCAMLU1R Datasheet HTML 78Page - NXP Semiconductors MPC5644BCAMLU1R Datasheet HTML 79Page - NXP Semiconductors MPC5644BCAMLU1R Datasheet HTML 80Page - NXP Semiconductors MPC5644BCAMLU1R Datasheet HTML 81Page - NXP Semiconductors MPC5644BCAMLU1R Datasheet HTML 82Page - NXP Semiconductors MPC5644BCAMLU1R Datasheet HTML 83Page - NXP Semiconductors MPC5644BCAMLU1R Datasheet HTML 84Page - NXP Semiconductors MPC5644BCAMLU1R Datasheet HTML 85Page - NXP Semiconductors MPC5644BCAMLU1R Datasheet HTML 86Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 116 page
background image
MPC5646C Microcontroller DataSheet, Rev. 7
Electrical Characteristics
NXP Semiconductors
82
4.18
Fast Ethernet Controller
MII signals use CMOS signal levels compatible with devices operating at 3.3 V. Signals are not TTL compatible. They follow
the CMOS electrical characteristics.
4.18.1
MII Receive Signal Timing (RXD[3:0], RX_DV, RX_ER, and RX_CLK)
The receiver functions correctly up to a RX_CLK maximum frequency of 25 MHz +1%. There is no minimum frequency
requirement. In addition, the system clock frequency must exceed four times the RX_CLK frequency in 2:1 mode and two times
the RX_CLK frequency in 1:1 mode.
Figure 21. MII receive signal timing diagram
4.18.2
MII Transmit Signal Timing (TXD[3:0], TX_EN, TX_ER, TX_CLK)
The transmitter functions correctly up to a TX_CLK maximum frequency of 25 MHz +1%. There is no minimum frequency
requirement. In addition, the system clock frequency must exceed four times the TX_CLK frequency in 2:1 mode and two times
the TX_CLK frequency in 1:1 mode.
The transmit outputs (TXD[3:0], TX_EN, TX_ER) can be programmed to transition from either the rising or falling edge of
TX_CLK, and the timing is the same in either case. This options allows the use of non-compliant MII PHYs.
Refer to the Fast Ethernet Controller (FEC) chapter of the MPC5646C Reference Manual for details of this option and how to
enable it.
9 Total Unadjusted Error: The maximum error that occurs without adjusting Offset and Gain errors. This error is a
combination of Offset, Gain and Integral Linearity errors.
Table 44. MII Receive Signal Timing
Spec
Characteristic
Min
Max
Unit
M1
RXD[3:0], RX_DV,
RX_ER to RX_CLK
setup
5—
ns
M2
RX_CLK to
RXD[3:0], RX_DV,
RX_ER hold
5—
ns
M3
RX_CLK pulse width
high
35%
65%
RX_CLK period
M4
RX_CLK pulse width
low
35%
65%
RX_CLK period
M1
M2
RX_CLK (input)
RXD[3:0] (inputs)
RX_DV
RX_ER
M3
M4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com