Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC5644BCAMLU1R Datasheet(PDF) 54 Page - NXP Semiconductors

Part # MPC5644BCAMLU1R
Description  MPC5646C Microcontroller Datasheet
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC5644BCAMLU1R Datasheet(HTML) 54 Page - NXP Semiconductors

Back Button MPC5644BCAMLU1R Datasheet HTML 50Page - NXP Semiconductors MPC5644BCAMLU1R Datasheet HTML 51Page - NXP Semiconductors MPC5644BCAMLU1R Datasheet HTML 52Page - NXP Semiconductors MPC5644BCAMLU1R Datasheet HTML 53Page - NXP Semiconductors MPC5644BCAMLU1R Datasheet HTML 54Page - NXP Semiconductors MPC5644BCAMLU1R Datasheet HTML 55Page - NXP Semiconductors MPC5644BCAMLU1R Datasheet HTML 56Page - NXP Semiconductors MPC5644BCAMLU1R Datasheet HTML 57Page - NXP Semiconductors MPC5644BCAMLU1R Datasheet HTML 58Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 116 page
background image
MPC5646C Microcontroller DataSheet, Rev. 7
Electrical Characteristics
NXP Semiconductors
54
4.8
Power management electrical characteristics
4.8.1
Voltage regulator electrical characteristics
The device implements an internal voltage regulator to generate the low voltage core supply VDD_LV from the high voltage
supply VDD_HV_A. The following supplies are involved:
•
HV: High voltage external power supply for voltage regulator module. This must be provided externally through
VDD_HV_A power pin.
•
LV: Low voltage internal power supply for core, FMPLL and Flash digital logic. This is generated by the on-chip
VREG with an external ballast (BCP68 NPN device). It is further split into four main domains to ensure noise isolation
between critical LV modules within the device:
— LV_COR: Low voltage supply for the core. It is also used to provide supply for FMPLL through double bonding.
— LV_CFLA0/CFLA1: Low voltage supply for the two code Flash modules. It is shorted with LV_COR through
double bonding.
— LV_DFLA: Low voltage supply for data Flash module. It is shorted with LV_COR through double bonding.
— LV_PLL: Low voltage supply for FMPLL. It is shorted to LV_COR through double bonding.
Figure 8. Voltage regulator capacitance connection
32 KB
56 KB
Split
Split
CTRL
CTRL
Split
CTRL
PD0 (always on domain)
PD1 Switchable Domain
HPREG
LPREG
HPVDD
LPVDD
VDD_LV
VSS_LV
Off chip
BCP68
40
μf
HPVDD
LPVDD
sw1 (<0.1
Ω)
8KB
VDD_BV
VDD_HV_A
VSS_HV
100 nf
(FMPLL, Flash)
VDD_LV
VDD_LV
VDD_LV
VSS_LV
VSS_LV
VSS_LV
100 nf
100 nf
100 nf
VRC_CTRL
(CREGn)
Chip Boundary
10
μf
(CDEC2)
(4
× 10 μf)
NPN driver
1) All VSS_LV pins must be grounded, as shown for VSS_HV pin.
1) All VSS_LV pins must be grounded, as shown for VSS_HV pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com