Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BLP27M810 Datasheet(PDF) 3 Page - Ampleon Netherlands B.V.

Part # BLP27M810
Description  Power LDMOS transistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPLEON [Ampleon Netherlands B.V.]
Direct Link  https://www.ampleon.com
Logo AMPLEON - Ampleon Netherlands B.V.

BLP27M810 Datasheet(HTML) 3 Page - Ampleon Netherlands B.V.

  BLP27M810 Datasheet HTML 1Page - Ampleon Netherlands B.V. BLP27M810 Datasheet HTML 2Page - Ampleon Netherlands B.V. BLP27M810 Datasheet HTML 3Page - Ampleon Netherlands B.V. BLP27M810 Datasheet HTML 4Page - Ampleon Netherlands B.V. BLP27M810 Datasheet HTML 5Page - Ampleon Netherlands B.V. BLP27M810 Datasheet HTML 6Page - Ampleon Netherlands B.V. BLP27M810 Datasheet HTML 7Page - Ampleon Netherlands B.V. BLP27M810 Datasheet HTML 8Page - Ampleon Netherlands B.V. BLP27M810 Datasheet HTML 9Page - Ampleon Netherlands B.V. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
BLP27M810
All information provided in this document is subject to legal disclaimers.
© Ampleon Netherlands B.V. 2016. All rights reserved.
Product data sheet
Rev. 1 — 11 February 2016
3 of 11
BLP27M810
Power LDMOS transistor
6. Characteristics
Table 6.
DC characteristics
Tj = 25 C; unless otherwise specified.
Symbol Parameter
Conditions
Min
Typ
Max
Unit
V(BR)DSS drain-source breakdown
voltage
VGS =0V; ID =0.18 mA
65
-
-
V
VGS(th)
gate-source threshold voltage
VDS =10 V; ID = 18 mA
1.5
1.9
2.3
V
IDSS
drain leakage current
VGS =0V; VDS =28 V
1.4
-
+1.4
A
IDSX
drain cut-off current
VGS =VGS(th) +3.75V
-
3.2
-
A
IGSS
gate leakage current
VGS =11 V; VDS =0V
-
-
140
nA
gfs
forward transconductance
VDS =10V; ID =18 mA
-
160
-
mS
RDS(on)
drain-source on-state
resistance
VGS =VGS(th) +3.75V;
VDS =10V; ID =630 mA
-
1000 -
m
Table 7.
RF characteristics
A derivative functional RF test is performed in production. The performance as mentioned below is
verified by design and characterization in an Ampleon class-AB application board.
Test signal: pulsed CW;
= 10%; tp = 100 s; VDS = 28 V; IDq = 110 mA; Tcase = 25 C; f = 2140 MHz
Symbol Parameter
Conditions
Min
Typ
Max
Unit
Gp
power gain
PL(AV) =2W
16
17
-
dB
D
drain efficiency
PL(AV) =2W
17
19
-
%
PL(1dB)
output power at 1 dB gain compression
10
-
-
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com