Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BLP27M810 Datasheet(PDF) 5 Page - Ampleon Netherlands B.V.

Part # BLP27M810
Description  Power LDMOS transistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPLEON [Ampleon Netherlands B.V.]
Direct Link  https://www.ampleon.com
Logo AMPLEON - Ampleon Netherlands B.V.

BLP27M810 Datasheet(HTML) 5 Page - Ampleon Netherlands B.V.

  BLP27M810 Datasheet HTML 1Page - Ampleon Netherlands B.V. BLP27M810 Datasheet HTML 2Page - Ampleon Netherlands B.V. BLP27M810 Datasheet HTML 3Page - Ampleon Netherlands B.V. BLP27M810 Datasheet HTML 4Page - Ampleon Netherlands B.V. BLP27M810 Datasheet HTML 5Page - Ampleon Netherlands B.V. BLP27M810 Datasheet HTML 6Page - Ampleon Netherlands B.V. BLP27M810 Datasheet HTML 7Page - Ampleon Netherlands B.V. BLP27M810 Datasheet HTML 8Page - Ampleon Netherlands B.V. BLP27M810 Datasheet HTML 9Page - Ampleon Netherlands B.V. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
BLP27M810
All information provided in this document is subject to legal disclaimers.
© Ampleon Netherlands B.V. 2016. All rights reserved.
Product data sheet
Rev. 1 — 11 February 2016
5 of 11
BLP27M810
Power LDMOS transistor
7.2 Graphical data
VDS =32V; IDq = 100 mA.
(1) f = 2400 MHz
(2) f = 2450 MHz
(3) f = 2500 MHz
VDS =32V; IDq = 100 mA.
(1) f = 2400 MHz
(2) f = 2450 MHz
(3) f = 2500 MHz
Fig 2.
Power gain and drain efficiency as function of
output power; typical values
Fig 3.
Power gain and drain efficiency as function of
output power; typical values
VDS =32V; IDq = 100 mA.
(1) f = 2400 MHz
(2) f = 2450 MHz
(3) f = 2500 MHz
VDS =32V; IDq = 100 mA; PL =10W.
Fig 4.
Output power as a function of input power;
typical values
Fig 5.
Power gain as a function of frequency; typical
values
aaa-020705
25
27.5
30
32.5
35
37.5
40
42.5
45
11
10
13
20
15
30
17
40
19
50
21
60
PL (dBm)
Gp
Gp
(dB)
(dB)
(dB)
ηD
ηD
(%)
(%)
(%)
(1)
(1)
(1)
(2)
(2)
(2)
(3)
(3)
(3)
(1)
(1)
(1)
(2)
(2)
(2)
(3)
(3)
(3)
Gp
Gp
ηD
ηD
aaa-020706
0
2.5
5
7.5
10
12.5
15
11
10
13
20
15
30
17
40
19
50
21
60
PL (W)
Gp
Gp
(dB)
(dB)
(dB)
ηD
ηD
(%)
(%)
(%)
(1)
(1)
(1)
(2)
(2)
(2)
(3)
(3)
(3)
(1)
(1)
(1)
(2)
(2)
(2)
(3)
(3)
(3)
Gp
Gp
ηD
ηD
aaa-020707
10
15
20
25
30
25
30
35
40
45
Pi (dBm)
PL
PL
(dBm)
(dBm)
(dBm)
(3)
(3)
(3)
(2)
(2)
(2)
(1)
(1)
(1)
aaa-020708
2300
2350
2400
2450
2500
2550
2600
10
12
14
16
18
20
f (MHz)
Gp
Gp
(dB)
(dB)
(dB)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com