Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BLF189XRAS Datasheet(PDF) 4 Page - Ampleon Netherlands B.V.

Part # BLF189XRAS
Description  Power LDMOS transistor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPLEON [Ampleon Netherlands B.V.]
Direct Link  https://www.ampleon.com
Logo AMPLEON - Ampleon Netherlands B.V.

BLF189XRAS Datasheet(HTML) 4 Page - Ampleon Netherlands B.V.

  BLF189XRAS Datasheet HTML 1Page - Ampleon Netherlands B.V. BLF189XRAS Datasheet HTML 2Page - Ampleon Netherlands B.V. BLF189XRAS Datasheet HTML 3Page - Ampleon Netherlands B.V. BLF189XRAS Datasheet HTML 4Page - Ampleon Netherlands B.V. BLF189XRAS Datasheet HTML 5Page - Ampleon Netherlands B.V. BLF189XRAS Datasheet HTML 6Page - Ampleon Netherlands B.V. BLF189XRAS Datasheet HTML 7Page - Ampleon Netherlands B.V. BLF189XRAS Datasheet HTML 8Page - Ampleon Netherlands B.V. BLF189XRAS Datasheet HTML 9Page - Ampleon Netherlands B.V. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
BLF189XRA_BLF189XRAS
All information provided in this document is subject to legal disclaimers.
© Ampleon Netherlands B.V. 2017. All rights reserved.
Product data sheet
Rev. 1 — 6 November 2017
4 of 14
BLF189XRA; BLF189XRAS
Power LDMOS transistor
IDSX
drain cut-off current
VGS =VGS(th) +3.75 V;
VDS =10 V
-91
-
A
IGSS
gate leakage current
VGS =11V; VDS = 0 V
-
-
280
nA
RDS(on)
drain-source on-state resistance VGS =VGS(th) + 3.75 V;
ID =23.1A
-
0.066 -
Table 7.
AC characteristics
Tj = 25 C; per section unless otherwise specified.
Symbol Parameter
Conditions
Min Typ
Max Unit
Crs
feedback capacitance
VGS =0V; VDS =50V; f=1MHz
-
4.9
-
pF
Ciss
input capacitance
VGS =0V; VDS =50V; f=1MHz
-
650
-
pF
Coss
output capacitance
VGS =0V; VDS =50V; f=1MHz
-
247
-
pF
Table 8.
RF characteristics
Test signal: pulsed RF; tp =100 s; = 20 %; f = 108 MHz; RF performance at VDS =50 V;
IDq = 150 mA; Tcase =25 C; unless otherwise specified; in a class-AB production test circuit.
Symbol Parameter
Conditions
Min
Typ
Max
Unit
Gp
power gain
PL = 1700 W
24.5
26.2
-
dB
RLin
input return loss
PL =1700W
-
14
-
dB
D
drain efficiency
PL = 1700 W
71
74
-
%
VGS =0V; f =1MHz.
Fig 2.
Output capacitance as a function of drain-source voltage; typical values per
section
Table 6.
DC characteristics …continued
Tj = 25 C; per section unless otherwise specified.
Symbol Parameter
Conditions
Min
Typ
Max Unit
amp00375
0
10
20
30
40
50
60
0
200
400
600
800
1000
VDS (V)
Coss
oss
Coss
(pF)
(pF)
(pF)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com