Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BLF189XRAS Datasheet(PDF) 8 Page - Ampleon Netherlands B.V.

Part # BLF189XRAS
Description  Power LDMOS transistor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPLEON [Ampleon Netherlands B.V.]
Direct Link  https://www.ampleon.com
Logo AMPLEON - Ampleon Netherlands B.V.

BLF189XRAS Datasheet(HTML) 8 Page - Ampleon Netherlands B.V.

Back Button BLF189XRAS Datasheet HTML 4Page - Ampleon Netherlands B.V. BLF189XRAS Datasheet HTML 5Page - Ampleon Netherlands B.V. BLF189XRAS Datasheet HTML 6Page - Ampleon Netherlands B.V. BLF189XRAS Datasheet HTML 7Page - Ampleon Netherlands B.V. BLF189XRAS Datasheet HTML 8Page - Ampleon Netherlands B.V. BLF189XRAS Datasheet HTML 9Page - Ampleon Netherlands B.V. BLF189XRAS Datasheet HTML 10Page - Ampleon Netherlands B.V. BLF189XRAS Datasheet HTML 11Page - Ampleon Netherlands B.V. BLF189XRAS Datasheet HTML 12Page - Ampleon Netherlands B.V. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
BLF189XRA_BLF189XRAS
All information provided in this document is subject to legal disclaimers.
© Ampleon Netherlands B.V. 2017. All rights reserved.
Product data sheet
Rev. 1 — 6 November 2017
8 of 14
BLF189XRA; BLF189XRAS
Power LDMOS transistor
VDS = 50 V; f = 108 MHz; tp = 100 s;  =20 %.
(1) IDq = 50 mA
(2) IDq = 150 mA
(3) IDq = 600 mA
(4) IDq = 2000 mA
VDS = 50 V; f = 108 MHz; tp = 100 s;  =20 %.
(1) IDq = 50 mA
(2) IDq = 150 mA
(3) IDq = 600 mA
(4) IDq = 2000 mA
Fig 7.
Power gain as a function of output power;
typical values
Fig 8.
Drain efficiency as a function of output power;
typical values
IDq = 150 mA; f = 108 MHz; tp = 100 s;  =20 %.
(1) VDS = 50 V
(2) VDS = 45 V
(3) VDS = 40 V
(4) VDS = 35 V
(5) VDS = 30 V
(6) VDS = 25 V
IDq = 150 mA; f = 108 MHz; tp = 100 s;  =20 %.
(1) VDS = 50 V
(2) VDS = 45 V
(3) VDS = 40 V
(4) VDS = 35 V
(5) VDS = 30 V
(6) VDS = 25 V
Fig 9.
Power gain as a function of output power;
typical values
Fig 10. Drain efficiency as a function of output power;
typical values
amp00379
0
400
800
1200
1600
2000
20
22
24
26
28
30
PL (W)
Gp
Gp
(dB)
(dB)
(dB)
(4)
(4)
(4)
(3)
(3)
(3)
(2)
(2)
(2)
(1)
(1)
(1)
amp00380
0
400
800
1200
1600
2000
0
20
40
60
80
PL (W)
ηD
ηD
(%)
(%)
(%)
(4)
(4)
(4)
(3)
(3)
(3)
(1)
(1)
(1)
(2)
(2)
(2)
amp00381
0
400
800
1200
1600
2000
20
22
24
26
28
30
PL (W)
Gp
Gp
(dB)
(dB)
(dB)
(1)
(1)
(1)
(2)
(2)
(2)
(3)
(3)
(3)
(4)
(4)
(4)
(5)
(5)
(5)
(6)
(6)
(6)
amp00382
0
400
800
1200
1600
2000
0
16
32
48
64
80
PL (W)
ηD
ηD
(%)
(%)
(%)
(1)
(1)
(1)
(2)
(2)
(2)
(3)
(3)
(3)
(4)
(4)
(4)
(5)
(5)
(5)
(6)
(6)
(6)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com