Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BLF189XRAS Datasheet(PDF) 1 Page - Ampleon Netherlands B.V.

Part # BLF189XRAS
Description  Power LDMOS transistor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPLEON [Ampleon Netherlands B.V.]
Direct Link  https://www.ampleon.com
Logo AMPLEON - Ampleon Netherlands B.V.

BLF189XRAS Datasheet(HTML) 1 Page - Ampleon Netherlands B.V.

  BLF189XRAS Datasheet HTML 1Page - Ampleon Netherlands B.V. BLF189XRAS Datasheet HTML 2Page - Ampleon Netherlands B.V. BLF189XRAS Datasheet HTML 3Page - Ampleon Netherlands B.V. BLF189XRAS Datasheet HTML 4Page - Ampleon Netherlands B.V. BLF189XRAS Datasheet HTML 5Page - Ampleon Netherlands B.V. BLF189XRAS Datasheet HTML 6Page - Ampleon Netherlands B.V. BLF189XRAS Datasheet HTML 7Page - Ampleon Netherlands B.V. BLF189XRAS Datasheet HTML 8Page - Ampleon Netherlands B.V. BLF189XRAS Datasheet HTML 9Page - Ampleon Netherlands B.V. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1. Product profile
1.1 General description
A 1700 W extremely rugged LDMOS power transistor for broadcast and industrial
applications in the HF to 500 MHz band.
1.2 Features and benefits
Easy power control
Integrated dual sided ESD protection
Excellent ruggedness
High efficiency
Excellent thermal stability
Designed for broadband operation (HF to 500 MHz)
Compliant to Directive 2002/95/EC, regarding Restriction of Hazardous Substances
(RoHS)
1.3 Applications
Industrial, scientific and medical applications
Broadcast transmitter applications
BLF189XRA; BLF189XRAS
Power LDMOS transistor
Rev. 1 — 6 November 2017
Product data sheet
Table 1.
Application information
Test signal
f
VDS
PL
Gp
D
(MHz)
(V)
(W)
(dB)
(%)
pulsed RF
108
50
1700
26.2
74


Similar Part No. - BLF189XRAS

ManufacturerPart #DatasheetDescription
logo
Ampleon Netherlands B.V...
BLF189XRB AMPLEON-BLF189XRB Datasheet
1Mb / 14P
Power LDMOS transistor
Rev. 1 ??3 October 2017
BLF189XRBS AMPLEON-BLF189XRBS Datasheet
1Mb / 14P
Power LDMOS transistor
Rev. 1 ??3 October 2017
More results

Similar Description - BLF189XRAS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLF6G20-110 NXP-BLF6G20-110 Datasheet
74Kb / 9P
Power LDMOS transistor
Rev. 01-28 January 2008
BLF6G20-45 NXP-BLF6G20-45 Datasheet
88Kb / 12P
Power LDMOS transistor
Rev. 02-25 August 2008
BLF6G20-110 NXP-BLF6G20-110_09 Datasheet
90Kb / 10P
Power LDMOS transistor
Rev. 03-13 January 2009
BLF7G22L-130 NXP-BLF7G22L-130 Datasheet
180Kb / 15P
Power LDMOS transistor
Rev. 3-18 November 2010
BLF2425M7L140 NXP-BLF2425M7L140 Datasheet
299Kb / 11P
Power LDMOS transistor
Rev. 3-6 September 2012
BLF188XR NXP-BLF188XR Datasheet
227Kb / 15P
Power LDMOS transistor
Rev. 5-12 November 2013
BLA8G1011L(S)-300 PHILIPS-BLA8G1011L(S)-300_15 Datasheet
200Kb / 14P
Power LDMOS transistor
Rev. 2-26 January 2015
BLC8G22LS-450AV PHILIPS-BLC8G22LS-450AV_15 Datasheet
225Kb / 15P
Power LDMOS transistor
Rev. 3-2 June 2015
BLF6G10-200RN PHILIPS-BLF6G10-200RN_15 Datasheet
169Kb / 11P
Power LDMOS transistor
Rev. 02-21 January 2010
BLF6G13L-250P PHILIPS-BLF6G13L-250P_15 Datasheet
159Kb / 14P
Power LDMOS transistor
Rev. 3-14 October 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com