Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SC16IS741AIPW Datasheet(PDF) 44 Page - NXP Semiconductors

Part # SC16IS741AIPW
Description  Single UART with I2C-bus/SPI interface, 64 bytes of transmit and receive FIFOs, IrDA SIR built-in support
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC16IS741AIPW Datasheet(HTML) 44 Page - NXP Semiconductors

Back Button SC16IS741AIPW Datasheet HTML 40Page - NXP Semiconductors SC16IS741AIPW Datasheet HTML 41Page - NXP Semiconductors SC16IS741AIPW Datasheet HTML 42Page - NXP Semiconductors SC16IS741AIPW Datasheet HTML 43Page - NXP Semiconductors SC16IS741AIPW Datasheet HTML 44Page - NXP Semiconductors SC16IS741AIPW Datasheet HTML 45Page - NXP Semiconductors SC16IS741AIPW Datasheet HTML 46Page - NXP Semiconductors SC16IS741AIPW Datasheet HTML 47Page - NXP Semiconductors SC16IS741AIPW Datasheet HTML 48Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 55 page
background image
SC16IS741A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 1 — 18 March 2013
44 of 55
NXP Semiconductors
SC16IS741A
Single UART with I2C-bus/SPI interface, 64-byte FIFOs, IrDA SIR
[1]
Applies to external clock, crystal oscillator max. 24 MHz.
[2]
Table 35.
fXTAL dynamic characteristics
VDD =2.5 V 0.2 V, Tamb = 40 Cto+85 C; or VDD =3.3 V 0.3 V, Tamb = 40 Cto +95 C
Symbol
Parameter
Conditions
VDD =2.5 V
VDD =3.3 V
Unit
Min
Max
Min
Max
tWH
pulse width HIGH
10
-
6
-
ns
tWL
pulse width LOW
10
-
6
-
ns
fXTAL
frequency on pin XTAL
[1][2]
-48-
80
MHz
f
XTAL
1
t
wclk

---------------
=
Fig 29. External clock timing
external clock
002aac357
tw(clk)
tWL
tWH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com