Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SC16IS741AIPW Datasheet(PDF) 8 Page - NXP Semiconductors

Part # SC16IS741AIPW
Description  Single UART with I2C-bus/SPI interface, 64 bytes of transmit and receive FIFOs, IrDA SIR built-in support
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC16IS741AIPW Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button SC16IS741AIPW Datasheet HTML 4Page - NXP Semiconductors SC16IS741AIPW Datasheet HTML 5Page - NXP Semiconductors SC16IS741AIPW Datasheet HTML 6Page - NXP Semiconductors SC16IS741AIPW Datasheet HTML 7Page - NXP Semiconductors SC16IS741AIPW Datasheet HTML 8Page - NXP Semiconductors SC16IS741AIPW Datasheet HTML 9Page - NXP Semiconductors SC16IS741AIPW Datasheet HTML 10Page - NXP Semiconductors SC16IS741AIPW Datasheet HTML 11Page - NXP Semiconductors SC16IS741AIPW Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 55 page
background image
SC16IS741A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 1 — 18 March 2013
8 of 55
NXP Semiconductors
SC16IS741A
Single UART with I2C-bus/SPI interface, 64-byte FIFOs, IrDA SIR
7.3 Software flow control
Software flow control is enabled through the enhanced feature register and the Modem
Control Register. Different combinations of software flow control can be enabled by setting
different combinations of EFR[3:0]. Table 4 shows software flow control options.
There are two other enhanced features relating to software flow control:
• Xon Any function (MCR[5]): Receiving any character will resume operation after
recognizing the Xoff character. It is possible that an Xon1 character is recognized as
an Xon Any character, which could cause an Xon2 character to be written to the RX
FIFO.
• Special character (EFR[5]): Incoming data is compared to Xoff2. Detection of the
special character sets the Xoff interrupt (IIR[4]) but does not halt transmission. The
Xoff interrupt is cleared by a read of the IIR. The special character is transferred to the
RX FIFO.
7.3.1 RX
When software flow control operation is enabled, the SC16IS741A will compare incoming
data with Xoff1/Xoff2 programmed characters (in certain cases, Xoff1 and Xoff2 must be
received sequentially). When the correct Xoff characters are received, transmission is
halted after completing transmission of the current character. Xoff detection also sets
IIR[4] (if enabled via IER[5]) and causes IRQ to go LOW.
To resume transmission, an Xon1/Xon2 character must be received (in certain cases
Xon1 and Xon2 must be received sequentially). When the correct Xon characters are
received, IIR[4] is cleared, and the Xoff interrupt disappears.
Table 4.
Software flow control options (EFR[3:0])
EFR[3]
EFR[2]
EFR[1]
EFR[0]
TX, RX software flow control
0
0
X
X
no transmit flow control
1
0
X
X
transmit Xon1, Xoff1
0
1
X
X
transmit Xon2, Xoff2
1
1
X
X
transmit Xon1 and Xon2, Xoff1 and Xoff2
X
X
0
0
no receive flow control
X
X
1
0
receiver compares Xon1, Xoff1
X
X
0
1
receiver compares Xon2, Xoff2
1011transmit Xon1, Xoff1
receiver compares Xon1 or Xon2, Xoff1 or Xoff2
0111transmit Xon2, Xoff2
receiver compares Xon1 or Xon2, Xoff1 or Xoff2
1111transmit Xon1 and Xon2, Xoff1 and Xoff2
receiver compares Xon1 and Xon2, Xoff1 and Xoff2
0011no transmit flow control
receiver compares Xon1 and Xon2, Xoff1 and Xoff2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com