Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SC16IS741AIPW Datasheet(PDF) 13 Page - NXP Semiconductors

Part # SC16IS741AIPW
Description  Single UART with I2C-bus/SPI interface, 64 bytes of transmit and receive FIFOs, IrDA SIR built-in support
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC16IS741AIPW Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button SC16IS741AIPW Datasheet HTML 9Page - NXP Semiconductors SC16IS741AIPW Datasheet HTML 10Page - NXP Semiconductors SC16IS741AIPW Datasheet HTML 11Page - NXP Semiconductors SC16IS741AIPW Datasheet HTML 12Page - NXP Semiconductors SC16IS741AIPW Datasheet HTML 13Page - NXP Semiconductors SC16IS741AIPW Datasheet HTML 14Page - NXP Semiconductors SC16IS741AIPW Datasheet HTML 15Page - NXP Semiconductors SC16IS741AIPW Datasheet HTML 16Page - NXP Semiconductors SC16IS741AIPW Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 55 page
background image
SC16IS741A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 1 — 18 March 2013
13 of 55
NXP Semiconductors
SC16IS741A
Single UART with I2C-bus/SPI interface, 64-byte FIFOs, IrDA SIR
7.6 Sleep mode
Sleep mode is an enhanced feature of the SC16IS741A UART. It is enabled when EFR[4],
the enhanced functions bit, is set and when IER[4] is set. Sleep mode is entered when:
• The serial data input line, RX, is idle (see Section 7.7 “Break and time-out
conditions”).
• The TX FIFO and TX shift register are empty.
• There are no interrupts pending except THR.
Remark: Sleep mode will not be entered if there is data in the RX FIFO.
In Sleep mode, the clock to the UART is stopped. Since most registers are clocked using
these clocks, the power consumption is greatly reduced. The UART will wake up when
any change is detected on the RX line, when there is any change in the state of the
modem input pins, or if data is written to the TX FIFO.
Remark: Writing to the divisor latches, DLL and DLH, to set the baud clock, must not be
done during Sleep mode. Therefore, it is advisable to disable Sleep mode using IER[4]
before writing to DLL or DLH.
7.7 Break and time-out conditions
When the UART receives a number of characters and these data are not enough to set off
the receive interrupt (because they do not reach the receive trigger level), the UART will
generate a time-out interrupt instead, 4 character times after the last character is
received. The time-out counter will be reset at the center of each stop bit received or each
time the receive FIFO is read.
A break condition is detected when the RX pin is pulled LOW for a duration longer than
the time it takes to send a complete character plus Start, Stop and Parity bits. A break
condition can be sent by setting LCR[6]. When this happens the TX pin will be pulled LOW
until LSR[6] is cleared by the software.
7.8 Programmable baud rate generator
The SC16IS741A UART contains a programmable baud rate generator that takes any
clock input and divides it by a divisor in the range between 1 and (216 – 1). An additional
divide-by-4 prescaler is also available and can be selected by MCR[7], as shown in
Figure 10. The output frequency of the baud rate generator is 16 times the baud rate. The
formula for the divisor is given in Equation 1:
(1)
where:
prescaler = 1, when MCR[7] is set to ‘0’ after reset (divide-by-1 clock selected)
prescaler = 4, when MCR[7] is set to ‘1’ after reset (divide-by-4 clock selected).
Remark: The default value of prescaler after reset is divide-by-1.
Figure 10 shows the internal prescaler and baud rate generator circuitry.
divisor
XTAL1 crystal input frequency
prescaler
-----------------------------------------------------------------------------------


desired baud rate
16
-----------------------------------------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com