Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NVMJS3D0N06C Datasheet(PDF) 1 Page - ON Semiconductor

Part # NVMJS3D0N06C
Description  MOSFET - Power, Single N-Channel 60 V, 2.9 m, 139.3 A
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NVMJS3D0N06C Datasheet(HTML) 1 Page - ON Semiconductor

  NVMJS3D0N06C Datasheet HTML 1Page - ON Semiconductor NVMJS3D0N06C Datasheet HTML 2Page - ON Semiconductor NVMJS3D0N06C Datasheet HTML 3Page - ON Semiconductor NVMJS3D0N06C Datasheet HTML 4Page - ON Semiconductor NVMJS3D0N06C Datasheet HTML 5Page - ON Semiconductor NVMJS3D0N06C Datasheet HTML 6Page - ON Semiconductor NVMJS3D0N06C Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
DATA SHEET
www.onsemi.com
© Semiconductor Components Industries, LLC, 2021
October, 2021 − Rev. 0
1
Publication Order Number:
NVMJS3D0N06C/D
MOSFET - Power, Single
N-Channel
60 V, 2.9 mW, 139.3 A
NVMJS3D0N06C
Features
• Small Footprint (5x6 mm) for Compact Design
• Low RDS(on) to Minimize Conduction Losses
• Low QG and Capacitance to Minimize Driver Losses
• AEC−Q101 Qualified and PPAP Capable
• These Devices are Pb−Free and are RoHS Compliant
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted)
Parameter
Symbol
Value
Unit
Drain−to−Source Voltage
VDSS
60
V
Gate−to−Source Voltage
VGS
±20
V
Continuous Drain
Current RqJC
(Notes 1, 3)
Steady
State
TC = 25°C
ID
139.3
A
TC = 100°C
98.5
Power Dissipation
RqJC (Note 1)
TC = 25°C
PD
112.5
W
TC = 100°C
56.2
Continuous Drain
Current RqJA
(Notes 1, 2, 3)
Steady
State
TA = 25°C
ID
26.9
A
TA = 100°C
19
Power Dissipation
RqJA (Notes 1, 2)
TA = 25°C
PD
4.2
W
TA = 100°C
2.1
Pulsed Drain Current
TA = 25°C, tp = 10 ms
IDM
900
A
Operating Junction and Storage Temperature
Range
TJ, Tstg
−55 to
+175
°C
Source Current (Body Diode)
IS
93.7
A
Single Pulse Drain−to−Source Avalanche
Energy (IL(pk) = 9.1 A)
EAS
430
mJ
Lead Temperature for Soldering Purposes
(1/8″ from case for 10 s)
TL
260
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the
device. If any of these limits are exceeded, device functionality should not be
assumed, damage may occur and reliability may be affected.
THERMAL RESISTANCE MAXIMUM RATINGS
Parameter
Symbol
Value
Unit
Junction−to−Case − Steady State (Note 1)
RqJC
1.33
°C/W
Junction−to−Ambient − Steady State
(Notes 1, 2)
RqJA
35.9
1. The entire application environment impacts the thermal resistance values shown,
they are not constants and are only valid for the particular conditions noted.
2. Surface−mounted on FR4 board using a 650 mm2, 2 oz. Cu pad.
3. Maximum current for pulses as long as 1 second is higher but is dependent
on pulse duration and duty cycle.
V(BR)DSS
RDS(ON) MAX
ID MAX
60 V
2.9 mW @ 10 V
139.3 A
G (4)
S (1,2,3)
N−CHANNEL MOSFET
D (5)
See detailed ordering, marking and shipping information in the
package dimensions section on page 5 of this data sheet.
ORDERING INFORMATION
MARKING
DIAGRAM
LFPAK8
CASE 760AA
3D0N06
C
AWLYW
G
S
DD D D
SS
1
3D0N06C = Specific Device Code
A
= Assembly Location
WL
= Wafer Lot
Y
= Year
W
= Work Week


Similar Part No. - NVMJS3D0N06C

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVMJS0D8N04CL ONSEMI-NVMJS0D8N04CL Datasheet
373Kb / 7P
MOSFET ??Power, Single N-Channel 40 V, 0.72 m, 368 A
October, 2019?뭃ev. 0
NVMJS0D8N04CLTWG ONSEMI-NVMJS0D8N04CLTWG Datasheet
373Kb / 7P
MOSFET ??Power, Single N-Channel 40 V, 0.72 m, 368 A
October, 2019?뭃ev. 0
NVMJS0D9N04C ONSEMI-NVMJS0D9N04C Datasheet
372Kb / 7P
MOSFET ??Power, Single N-Channel 40 V, 0.81 m, 342 A
November, 2019-Rev. 1
NVMJS0D9N04CL ONSEMI-NVMJS0D9N04CL Datasheet
362Kb / 7P
MOSFET ??Power, Single N-Channel 40 V, 0.82 m, 330 A
July, 2019 ??Rev. 0
NVMJS0D9N04CLTWG ONSEMI-NVMJS0D9N04CLTWG Datasheet
362Kb / 7P
MOSFET ??Power, Single N-Channel 40 V, 0.82 m, 330 A
July, 2019 ??Rev. 0
More results

Similar Description - NVMJS3D0N06C

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTD5C648NL ONSEMI-NTD5C648NL Datasheet
233Kb / 7P
MOSFET ??Power, Single, N-Channel 60 V, 4.1 m, 91 A
May, 2019??Rev.
NVLJWS011N06CL ONSEMI-NVLJWS011N06CL Datasheet
163Kb / 7P
MOSFET - Power, Single N-Channel 60 V, 9 m, 48 A
April, 2022 ??Rev. 1
NVLJWS022N06CL ONSEMI-NVLJWS022N06CL Datasheet
160Kb / 7P
MOSFET - Power, Single N-Channel 60 V, 21 m, 25 A
April, 2022 ??Rev. 1
NVTYS006N06CL ONSEMI-NVTYS006N06CL Datasheet
328Kb / 7P
MOSFET ??Power, Single N-Channel 60 V, 6.8 m, 71 A
May, 2021 ??Rev. 1
NVTYS008N06CL ONSEMI-NVTYS008N06CL Datasheet
380Kb / 7P
MOSFET ??Power, Single N-Channel 60 V, 8.0 m, 63 A
May, 2021 ??Rev. 0
NVMTS001N06CL ONSEMI-NVMTS001N06CL Datasheet
401Kb / 7P
MOSFET ??Power, Single N-Channel 60 V, 0.81 m, 398.2 A
May, 2021 ??Rev. 2
NVMYS4D6N06C ONSEMI-NVMYS4D6N06C Datasheet
211Kb / 6P
MOSFET - Power, Single N-Channel 60 V, 4.7 m, 92 A
October, 2021 ??Rev. 0
NVMYS7D0N06C ONSEMI-NVMYS7D0N06C Datasheet
214Kb / 6P
MOSFET - Power, Single N-Channel 60 V, 7.0 m, 66 A
October, 2021 - Rev. 0
NVMYS016N06C ONSEMI-NVMYS016N06C Datasheet
208Kb / 6P
MOSFET - Power, Single N-Channel 60 V, 16 m, 33 A
October, 2021 - Rev. 0
NVMYS025N06CL ONSEMI-NVMYS025N06CL Datasheet
339Kb / 7P
MOSFET – Power, Single N-Channel 60 V, 27.5 m, 21 A
July, 2019 - Rev. 0
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com