Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NVMJS3D0N06C Datasheet(PDF) 3 Page - ON Semiconductor

Part # NVMJS3D0N06C
Description  MOSFET - Power, Single N-Channel 60 V, 2.9 m, 139.3 A
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NVMJS3D0N06C Datasheet(HTML) 3 Page - ON Semiconductor

  NVMJS3D0N06C Datasheet HTML 1Page - ON Semiconductor NVMJS3D0N06C Datasheet HTML 2Page - ON Semiconductor NVMJS3D0N06C Datasheet HTML 3Page - ON Semiconductor NVMJS3D0N06C Datasheet HTML 4Page - ON Semiconductor NVMJS3D0N06C Datasheet HTML 5Page - ON Semiconductor NVMJS3D0N06C Datasheet HTML 6Page - ON Semiconductor NVMJS3D0N06C Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
NVMJS3D0N06C
www.onsemi.com
3
TYPICAL CHARACTERISTICS
Figure 1. On−Region Characteristics
Figure 2. Transfer Characteristics
VDS, DRAIN−TO−SOURCE VOLTAGE (V)
VGS, GATE−TO−SOURCE VOLTAGE (V)
2
1
0
0
50
3
0
80
Figure 3. On−Resistance vs. Gate−to−Source
Voltage
Figure 4. On−Resistance vs. Drain Current and
Gate Voltage
VGS, GATE−TO−SOURCE VOLTAGE (V)
ID, DRAIN CURRENT (A)
10
9
8
6
2
120
150
90
0
0
6
Figure 5. On−Resistance Variation with
Temperature
Figure 6. Drain−to−Source Leakage Current
vs. Voltage
TJ, JUNCTION TEMPERATURE (°C)
VDS, DRAIN−TO−SOURCE VOLTAGE (V)
150
125
100
75
25
0
−25
−50
0.6
1.4
2.0
55
45
TJ = 125°C
TJ = 25°C
TJ = −55°C
VGS = 10 V
ID = 27 A
50
175
TJ = 100°C
TJ = 85°C
100
5
TJ = 175°C
10
150
TJ = 25°C
ID = 27 A
TJ = 25°C
4
2
320
4
10
2
1E−09
5
4.0 V
VGS = 10 V to 6 V
57
VGS = 10 V
160
4.5 V
6
6
8
240
TJ = 25°C
30
60
1.0
15
25
35
34
5.0 V
5
4
8
VDS = 5 V
−75
0.8
1.2
1.6
1.8
TJ = 125°C
TJ = 150°C
1E−08
1E−07
1E−06
1E−05
1E−04
1E−03
8
7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com